Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH15-10B24ER2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LH15-10B24ER2
Description  LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-10B24ER2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LH15-10B24ER2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-10B24ER2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-10B24ER2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-10B24ER2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-10B24ER2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH15-10B24ER2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN Specifications subject to change without notice
LH*ER2
A/0-2012
Page 2 of 6
OUTPUT SPECIFICATIONS
Output Voltage Accuracy
±2%
(main output)
±10%
(supplement output)
Line Regulation
±0.5%
(main output)
±1.5%
(supplement output)
Single output models
±1%
Load Variation (10-100%)
Isolated and separated dual output
(balanced load)
Vo1:
±3%
(main output)
Vo2:
±5%
(supplement output)
Minimum load
Single output models
Isolated and separated dual output
(balanced load)
0%
10%
Ripple & Noise(p-p)
(20MHz Bandwidth)
100mV (Typ.)
200mV (Max.)
Short Circuit Protection
Continuous, auto resume
Over Current Protection
≥110% Io auto resume
Over Output Voltage
Protection
5VDC models
12VDC models
24VDC models
≤7.5VDC
≤20VDC
≤30VDC
GENERAL SPECIFICATIONS
Temperature Ranges
Operating
Power derating (55~70℃)
(-40~-10℃)
Storage
Case temperature
-40℃~+70℃
3.75% / ℃
2% / ℃
-40℃~+105℃
+90℃ Max.
Hold-up Time
(Vin=230VAC)
80ms(Typ.)
Humidity(non condensing)
95%(max)
Temperature Coefficient
0.02%/℃ main output
0.15%/℃ supplement output
Switching Frequency
60KHz(Typ.)
I/O-isolation Voltage
3000VAC/1Min
RE
CISPR22/EN55022
CLASS A(Without External Circuit)/ CLASS B
(Typical Application Circuit Refer to Figure 3)
EMI
CE
CISPR22/EN55022
CLASS A(Without External Circuit)/ CLASS B
(Typical Application Circuit Refer to Figure 3)
ESD
IEC/EN61000-4-2
Contact ±6KV / Air ±8KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±4KV
perf. Criteria B
IEC/EN61000-4-5
±2KV/±4KV
perf. Criteria B
(Without External Circuit)
Surge
IEC/EN61000-4-5
±4KV/±6KV
perf. Criteria B
(Typical Application Circuit Refer to Figure 3)
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMC
compliance
EMS
Voltage dips、Short and Interruptions
immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Safety Standard
CLASS I
Case Material
UL94V-0
Mounting
PCB / SCREW TERMINAL / DIN RAIL
MTBF
>300,000h @25℃
Package
LH10/15 models
LH25 models
62x45x30mm
70x48x30mm
Note: 1.The indicated EMC compliance are tighter than EN55024 standard.
2.Ripple and Noise measurement based on the parallel lines test;
3.Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, Ta=25
°C, humidity < 75%;
4.All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our
technical support team.


Similar Part No. - LH15-10B24ER2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10B24 MORNSUN-LH15-10B24 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10B24 MORNSUN-LH15-10B24 Datasheet
1Mb / 7P
   15W, AC-DC converter
More results

Similar Description - LH15-10B24ER2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
logo
List of Unclassifed Man...
MPQ-ARM ETC2-MPQ-ARM Datasheet
26Kb / 2P
   The MPQ-ARM is a member of RPM?셲 family of dedicated in-system device programmers.
logo
MORNSUN Science& Techno...
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
logo
Roithner LaserTechnik G...
RLT1260-800-HHL ROITHNER-RLT1260-800-HHL Datasheet
357Kb / 2P
   is the series of high-power multimode
logo
STMicroelectronics
AN2691 STMICROELECTRONICS-AN2691 Datasheet
131Kb / 10P
   RPD is a dedicated timing pin for the return-from-power-down circuit
logo
ATMEL Corporation
AT73C224-E ATMEL-AT73C224-E_14 Datasheet
1Mb / 75P
   Activation of the Power Management Modules via Dedicated Enable Pin
logo
STMicroelectronics
AN2340 STMICROELECTRONICS-AN2340 Datasheet
121Kb / 10P
   RPD is a dedicated timing pin for the return from Power Down circuit
logo
Murata Manufacturing Co...
VFS9VD31B223Q93 MURATA1-VFS9VD31B223Q93_V01 Datasheet
346Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com