Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH10-10B15 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B15
Description  LH series ----is a compact size power converter offered by Mornsun.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B15 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LH10-10B15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH10-10B15 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice
LH05-25
A/3-2012
Page 4 of 8
PARALLEL LINES MEASURE
AC-DC
+Vo
-Vo
FU SE
L
N
2 5 . 4 mm
25 .4 mm
C1
C2
1 2 . 7 mm
C o ppe r s he et
C on n e c t
Osc illog r a p h P robe
L o ad
L
N
C1: 1
μF (ceramic capacitor)
C2: 10
μF (electrolytic capacitor)
TYPICAL EFFICIENCY CURVE
Vin=230Vac
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90 100
Load(%)
LH05-10B05
LH05-10B24
LH10-10B05
LH10-10B24
LH15-10B05
LH15-10B24
LH20-10B05
LH20-10B24
Load=100%
70
72
74
76
78
80
82
84
86
88
90
85
120
240
264
Input voltage (Vac)
LH05-10B05
LH05-10B24
LH10-10B05
LH10-10B24
LH15-10B05
LH15-10B24
LH20-10B05
LH20-10B24
INPUT VOLTAGE VS LOAD
TEMPERATURE VS LOAD
100
240
85
264
20
40
100
60
80
75
Load(%)
Input voltage(Vac)
*Note: When input DC,
Vdc=1.414*Vac-20
.
-40
-10
55
70
100
80
60
40
20
43.75
Temperature(℃)
Load(%)
TRIM APPLICATION & TRIM CALCULATION
Application circuit for TRIM
(Part in broken line is the interior of models)
0V
R2
R1
R3
Vref
RT
Trim
+Vot
0V
R2
R1
R3
Vref
RT
Trim
+Vot
Trim up
Trim down
Formula for resistance of Trim
up:
a=
Vr ef
Vot- Vr ef
R1
R=
T
aR2
R -a
2
-R3
down:
a=
Vref
Vot- Vr ef
R2
R=
T
aR1
R -a
1
-R3
Note: Value for R1, R2, R3, and Vref refer to the following table.
RT: Resistance of Trim
a: User-defined parameter, no actual meanings.
Vo(V)
Resistance
3.3
5
9
12
15
24
48
R1(K
Ω)
2
3.3
7.5
3.8
3
7.5
8.6
6
1.2
R2(K
Ω)
1.2
3.3
2.8
7
1
1.5
1
22
R3(K
Ω)
1
1
1
1
1
1
1.2
Vref(V)
1.2
4
2.5
2.5
2.5
2.5
2.5
2.5
Vot(V)
Output voltage of Trim, variation
≤ ±10%
TYPICAL APPLICATIONS
L
+Vo
-Vo
L
N
N
C2
C1
T VS1 RL
NTC
FUSE
Figure 1: LH**-10B**( Single Output)
F U SE
+Vo
L
N
-Vo
N
Com
C4
C2
C1
C3
RL
T VS1
T VS 2 RL
N TC
L
Figure 2:LH**-10A**(Dual Output)
+
-
C1
C4
C3
C2
-
Vo1
Vo2
T VS1
T VS2
RL
RL
FU SE
L
N
N
N TC
+
L
Figure 3:LH**-10D**(Isolate Twin Output)
Vo1
-Vo2
C om
C6
C2
C5
C1
+
-
+Vo2
T VS1
T VS3
RL
RL
C4
C3
TVS2
RL
N
N
FU SE
L
N TC
L
Figure 4:LH**-10C**(Triple Output)


Similar Part No. - LH10-10B15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B15 MORNSUN-LH10-10B15 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10B15 MORNSUN-LH10-10B15 Datasheet
1Mb / 7P
   10W, AC-DC converter
LH10-10B15E MORNSUN-LH10-10B15E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
More results

Similar Description - LH10-10B15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com