Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28020DAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28020DAT
Description  Piccolo Microcontrollers
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28020DAT Datasheet(HTML) 5 Page - Texas Instruments

  TMS320F28020DAT Datasheet HTML 1Page - Texas Instruments TMS320F28020DAT Datasheet HTML 2Page - Texas Instruments TMS320F28020DAT Datasheet HTML 3Page - Texas Instruments TMS320F28020DAT Datasheet HTML 4Page - Texas Instruments TMS320F28020DAT Datasheet HTML 5Page - Texas Instruments TMS320F28020DAT Datasheet HTML 6Page - Texas Instruments TMS320F28020DAT Datasheet HTML 7Page - Texas Instruments TMS320F28020DAT Datasheet HTML 8Page - Texas Instruments TMS320F28020DAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523I – NOVEMBER 2008 – REVISED JULY 2012
Table 2-1. Hardware Features
28027
28026
28023
28022
28021
28020
280200
FEATURE
TYPE
(1)
(60 MHz)
(60 MHz)
(50 MHz)
(50 MHz)
(40 MHz)
(40 MHz)
(40 MHz)
38-Pin DA
48-Pin PT
38-Pin DA
48-Pin PT
38-Pin DA
48-Pin PT
38-Pin DA
48-Pin PT
38-Pin DA
48-Pin PT
38-Pin DA
48-Pin PT
38-Pin DA
48-Pin PT
Package Type
TSSOP
LQFP
TSSOP
LQFP
TSSOP
LQFP
TSSOP
LQFP
TSSOP
LQFP
TSSOP
LQFP
TSSOP
LQFP
Instruction cycle
16.67 ns
16.67 ns
20 ns
20 ns
25 ns
25 ns
25 ns
On-chip flash (16-bit word)
32K
16K
32K
16K
32K
16K
8K
On-chip SARAM (16-bit word)
6K
6K
6K
6K
5K
3K
3K
Code security for on-chip
Yes
Yes
Yes
Yes
Yes
Yes
Yes
flash/SARAM/OTP blocks
Boot ROM (8K x 16)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM (16-
1K
1K
1K
1K
1K
1K
1K
bit word)
ePWM outputs
1
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
8 (ePWM1/2/3/4)
eCAP inputs
0
1
1
1
1
1
1
Watchdog timer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
MSPS
4.6
4.6
3
3
2
2
2
Conversion Time
216.67 ns
216.67 ns
260 ns
260 ns
500 ns
500 ns
500 ns
12-Bit ADC
Channels
3
7
13
7
13
7
13
7
13
7
13
7
13
7
13
Temperature Sensor
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Dual Sample-and-Hold
Yes
Yes
Yes
Yes
Yes
Yes
Yes
32-Bit CPU timers
3
3
3
3
3
3
3
High-resolution ePWM Channels
1
4 (ePWM1A/2A/3A/4A)
4 (ePWM1A/2A/3A/4A)
4 (ePWM1A/2A/3A/4A)
4 (ePWM1A/2A/3A/4A)
Comparators w/ Integrated DACs
0
1
2
1
2
1
2
1
2
1
2
1
2
1
2
Inter-integrated circuit (I2C)
0
1
1
1
1
1
1
1
Serial Peripheral Interface (SPI)
1
1
1
1
1
1
1
1
Serial Communications Interface (SCI)
0
1
1
1
1
1
1
1
Digital (GPIO)
20
22
20
22
20
22
20
22
20
22
20
22
20
22
I/O pins (shared)
Analog (AIO)
6
6
6
6
6
6
6
External interrupts
3
3
3
3
3
3
3
Supply voltage (nominal)
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
T: –40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Temperature
S: –40°C to 125°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
options
Q: –40°C to 125°C
(2)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Product status
(3)
TMS
TMS
TMS
TMS
TMS
TMS
TMS
(1) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the
peripheral reference guides.
(2) "Q" refers to Q100 qualification for automotive applications.
(3) See Section 5.1, Device and Development Support Tool Nomenclature for descriptions of device stages. The "TMS" product status denotes a fully qualified production device.
Copyright © 2008–2012, Texas Instruments Incorporated
Introduction
5
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200


Similar Part No. - TMS320F28020DAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28020DAT TI-TMS320F28020DAT Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28020DAT TI1-TMS320F28020DAT Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28020DAT TI1-TMS320F28020DAT Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28020DAT TI1-TMS320F28020DAT Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28020DAT TI-TMS320F28020DAT Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
More results

Similar Description - TMS320F28020DAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com