Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU641 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLVU641
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLVU641 Datasheet(HTML) 4 Page - Texas Instruments

  SLVU641 Datasheet HTML 1Page - Texas Instruments SLVU641 Datasheet HTML 2Page - Texas Instruments SLVU641 Datasheet HTML 3Page - Texas Instruments SLVU641 Datasheet HTML 4Page - Texas Instruments SLVU641 Datasheet HTML 5Page - Texas Instruments SLVU641 Datasheet HTML 6Page - Texas Instruments SLVU641 Datasheet HTML 7Page - Texas Instruments SLVU641 Datasheet HTML 8Page - Texas Instruments SLVU641 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Operation
www.ti.com
Table 3. Sample 1% Resistor Values for Common LDO Output Voltages
(continued)
LDO Output Voltage (V)
R1 Value (k
Ω)
1.2
4.99
1.5
8.87
1.8
12.5
2.5
21
3.3
30.9
5
52.3
2.2.3
Switcher Slow Start Time
The slow start time can be adjusted by changing the value of C7. Use Equation 3 to calculate the required
value of C7 for a desired slow start time (Tss)
C7(nF) = Tss(ms) Iss(
μA)/Vref(V)
(3)
Basically the device has an internal pull-up current source of 2.3
μA=Iss that charges the external slow
start capacitor C7. The voltage reference Vref(V) for this part is 0.8V.
2.2.4
LDO Start Up
The start up time of the LDO can be adjusted by changing the value of C13. In addition to start up time,
the capacitor on the NR pin is used for noise reduction as well. However, the noise reduction effect is
nearly saturated at 0.01
µF.
2.3
Equipment Interconnect
Turn off the input power supply after verifying that its output voltage is set to the desired supply voltage
(less than 17V) and the current limit is set to approximately 500mA. Connect the positive voltage lead
from the input power supply to J3 (Vin) and the ground lead to J4 (GND).
Connect a 0-1A load (I
Load) between LDO OUT and GND using J1 and J2
Disable the output of the LDO by connecting a shorting jumper at JP1 from the
“off” pin to the center
pin (LDO EN).
3
Operation
Turn on the input power supply. Verify that the switcher output voltage is near 4.1V and the LDO
output is near 0V.
Enable the LDO output by connecting the jumper on JP1 from the
“on” pin to the center pin (LDO EN).
Verify that the LDO output voltage is 3.3V.
Vary the load current and VIN voltage as necessary for test purposes.
4
Test Results
This section provides typical performance waveforms for the TPS54120EVM (PWR103) characteristic of
this EVM design.
4
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
SLVU641
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - SLVU641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVU638 TI1-SLVU638 Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
SLVU653 TI1-SLVU653 Datasheet
473Kb / 14P
[Old version datasheet]   TPS8125xEVM
SLVU659A TI1-SLVU659A Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
SLVU674 TI1-SLVU674 Datasheet
640Kb / 23P
[Old version datasheet]   TPS5432EVM-116 3-A, SWIFT??Regulator Evaluation
SLVU681 TI1-SLVU681 Datasheet
919Kb / 21P
[Old version datasheet]   DRV8818EVM Evaluation Module
More results

Similar Description - SLVU641

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPSM-ULN-A ABRACON-ABPSM-ULN-A Datasheet
1,006Kb / 2P
   Ultra Low Noise Power Supply Module
03.01.10
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
   Low Noise Evaluation Board
logo
Monolithic Power System...
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
   2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
logo
Texas Instruments
TPS54120 TI1-TPS54120 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
logo
Monolithic Power System...
MP20045 MPS-MP20045 Datasheet
379Kb / 13P
   Low Noise, 1A Linear Regulator
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Texas Instruments
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com