Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWA4812LT-1W5 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # PWA4812LT-1W5
Description  1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWA4812LT-1W5 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  PWA4812LT-1W5 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWA4812LT-1W5 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PWA4812LT-1W5 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
PWA_LT-1W5 & PWB_LT-1W5
B/3-2010
Page 1 of 3
PWA_LT-1W5 & PWB_LT-1W5 Series
1.5W, WIDE INPUT ISOLATED & REGULATED
SINGLE/DUAL OUTPUT DC/DC CONVERTER
MINIATURE SMD PACKAGE
Patent Protection
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max**
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
PWA2405LT-1W5
±5
±150
±15
74
PWA2412LT-1W5
±12
±63
±6
77
PWA2415LT-1W5
±15
±50
±5
75
PWB2403LT-1W5
3.3
500
50
71
PWB2405LT-1W5
5
300
30
76
PWB2409LT-1W5
9
167
17
76
PWB2412LT-1W5
12
125
12
79
PWB2415LT-1W5
24
9.0-36
40
15
100
10
80
PWA4805LT-1W5
±5
±150
±15
74
PWA4812LT-1W5
±12
±63
±6
76
PWA4815LT-1W5
±15
±50
±5
76
PWB4803LT-1W5
3.3
500
50
72
PWB4805LT-1W5
5
300
30
75
PWB4809LT-1W5
9
167
17
78
PWB4812LT-1W5
12
125
12
77
PWB4815LT-1W5
48
18-72
80
15
100
10
77
**Input voltage can
’t exceed this value, or will cause the permanent damage.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating Temperature
-40
85
Storage Temp. range
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection
Continuous, automatics recovery
Cooling
Free air convection
Case Material
Epoxy Resin (UL94-V0)
MTBF
1000
k hours
Weight
5.2
g
● SMD package
● 4:1 wide input voltage range
● Short circuit protection(automatic recovery)
● 1500VDC isolation
● Operating temperature: -40°C ~ +85°C
● No heatsink required
● No external component required
● MTBF>1,000,000 hours
● RoHS Compliance
APPLICATIONS
The PWA_LT-1W5 & PWB_LT-1W5 series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is
wide range(voltage range
≤4:1);
2) Where isolation is necessary between input
and output (isolation voltage
≤1500VDC);
3)Where the regulation of the output voltage and
the output ripple noise are demanded.
MODEL SELECTION
PWA2405LT-1W5
Product Series
Input Voltage
Outp ut Voltage
Package Style
Rated Power
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-28203068
Http://www.mornsun-power.com


Similar Part No. - PWA4812LT-1W5

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWA4812LT-1W5 MORNSUN-PWA4812LT-1W5 Datasheet
115Kb / 2P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results

Similar Description - PWA4812LT-1W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZT-1W5 MICRODC-WRA-ZT-1W5 Datasheet
515Kb / 3P
   1.5W,WIDE INPUT ISOLATED®ULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
WRA-ZD-1W5 MICRODC-WRA-ZD-1W5 Datasheet
665Kb / 3P
   1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
VRB1205JMDT-6W MORNSUN-VRB1205JMDT-6W Datasheet
1Mb / 7P
   6W, wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRA1205YMD-6WR3 MORNSUN-VRA1205YMD-6WR3 Datasheet
1Mb / 6P
   6W,wide input, isolated & regulated dual/single output, YMD package, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
   10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com