Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWB4812LT-1W5 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # PWB4812LT-1W5
Description  1.5W, WIDE INPUT ISOLATED & REGULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PWB4812LT-1W5 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  PWB4812LT-1W5 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PWB4812LT-1W5 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PWB4812LT-1W5 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
PWA_LT-1W5 & PWB_LT-1W5
B/3-2010
Page 2 of 3
ISOLATION SPECIFICATIONS
TYPICAL TEMPERATURE CURVE
Item
Test conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max 1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance
Input/Output, 100KHz/1V
1000
pF
OUTPUT SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
Refer to products program
0.15
1.5
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
Negative voltage accuracy Refer to recommended circuit
±3
±5
Load regulation
From 10% to 100% load
±0.5
±1.5*
Line regulation
Input voltage from low to high
±0.2
±0.75
%
Temperature Drift (Vout)
Refer to recommended circuit
±0.03 %/°C
Output ripple & noise**
20MHz Bandwidth
35
100
mVp-p
Switching Frequency
100% load, input voltage range
550
kHz
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
Operating Temp.(
)
C
Temperature Derating Graph
Safe Operating Area
0
50
100
150
200
250
Ti me (s ec.)
60
Max
(>220 C)
Sec
22 0 C
1 0
M ax
Se c
Pe a k . Te mp 24 0 C
Remark:
The curve applies only to the hot air reflow soldering
APPLICATION NOTE
RECOMMENDED CIRCUIT
1) Requirement On Output Load
In order to ensure the product operate efficiently and reliably, in addition to a max load
(namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure
the specified range of input voltage is not exceeded, the minimum output load no less
than 10% load. If the actual load is less than the specified minimum load, the output ripple
may increase sharply while its efficiency and reliability will reduce greatly. If the actual
output power is very small, please add an appropriate resistor as extra loading, or contact
our company for other lower output power products.
2) Recommended Circuit
All the PWA_LT-1W5 & PWB_LT-1W5 series have been tested according to the following
recommended testing circuit before leaving factory. This series should be tested under load
(see Figure 1).
If you want to further decrease the input/output ripple, you can increase capacitance
properly or choose capacitors with low ESR. However, the capacitance of the output filter
capacitor must be proper. If the capacitance is too big, a startup problem might arise. For
every channel of output, provided the safe and reliable operation is ensured, the maximum
capacitance of its filter capacitor sees (Table 1). General:
Cin: 10
μF~47μF
Cout: 10
μF/100mA
3) Input Current
When it is used in unregulated power supply, be sure that the fluctuating range of the
power supply and the rippled voltage do not exceed the m odule standard. Input current of
power supply should afford the flash startup current of this kind of DC/DC module (Figure 2)
General: Ip
≤1.6*Iin-max
4) No parallel connection or plug and play
DC
DC
Vin
GND
+Vo
0V
Cin
Vin
GND
+Vo
0V
Cin
DC
DC
-Vo
Single Output
Figure 1
Output External Capacitor Table (Table 1)
Single Vout
(VDC)
Cout
(
µF)
Dual Vout
(VDC)
Cout
(
µF)
3.3
2200
±5
680
9
680
±12
330
5
1000
±15
220
12
470
-
-
15
330
-


Similar Part No. - PWB4812LT-1W5

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PWB4812LT-1W5 MORNSUN-PWB4812LT-1W5 Datasheet
115Kb / 2P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results

Similar Description - PWB4812LT-1W5

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-ZT-1W5 MICRODC-WRA-ZT-1W5 Datasheet
515Kb / 3P
   1.5W,WIDE INPUT ISOLATED®ULATED SINGLE/DUAL OUTPUT DC/DC CONVERTER MINIATURE SMD PACKAGE
WRA-ZD-1W5 MICRODC-WRA-ZD-1W5 Datasheet
665Kb / 3P
   1.5W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
VRB1205JMDT-6W MORNSUN-VRB1205JMDT-6W Datasheet
1Mb / 7P
   6W, wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRA1205YMD-6WR3 MORNSUN-VRA1205YMD-6WR3 Datasheet
1Mb / 6P
   6W,wide input, isolated & regulated dual/single output, YMD package, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
   10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
WRA2412LS-3W MORNSUN-WRA2412LS-3W Datasheet
196Kb / 2P
   WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com