Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTC36SAAN Datasheet(PDF) 5 Page - Texas Instruments

Part # PTC36SAAN
Description  TPS63000EVM-148
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTC36SAAN Datasheet(HTML) 5 Page - Texas Instruments

  PTC36SAAN Datasheet HTML 1Page - Texas Instruments PTC36SAAN Datasheet HTML 2Page - Texas Instruments PTC36SAAN Datasheet HTML 3Page - Texas Instruments PTC36SAAN Datasheet HTML 4Page - Texas Instruments PTC36SAAN Datasheet HTML 5Page - Texas Instruments PTC36SAAN Datasheet HTML 6Page - Texas Instruments PTC36SAAN Datasheet HTML 7Page - Texas Instruments PTC36SAAN Datasheet HTML 8Page - Texas Instruments PTC36SAAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
2.5
Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
I
-OutputCurrent- A
O
3
3.6
4.2
5
TPS63000,
PS=Low,
V
=3.3V
O
2.6
Power Dissipation
2.7
Load Transients
LOADI
VOUT100mV/div
Setup and Results
Efficiency of over 90% is common at mid-to-high loads. With power-save mode enabled, efficiency is
greater than 80% at light loads of 1 mA to 100 mA.
Figure 4. Efficiency Over Li-Ion Cell Range
With high efficiency, the power to be dissipated is low. Also, the QFN package with a solder pad is very
efficient at removing heat. In this case, with unit delivering 3.3 V at 550 mA and 90% efficiency, power
dissipation will be 180 mW. The package thermal resistance is about 50
°C/W, therefore the
case-to-junction temperature rise would be 9
°C. This would allow an ambient temperatire of 116°C, and
still hold the junction temperature below 125
°C.
Load transient response is well regulated. Additional output capacitance reduces voltage over- and
under-shoot.
Figure 5. Load Step 100 mA to 500 mA
SLVU156 – March 2006
TPS63000EVM-148
5
Submit Documentation Feedback


Similar Part No. - PTC36SAAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTC36SAAN TI-PTC36SAAN Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
PTC36SAAN TI-PTC36SAAN Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
PTC36SAAN TI1-PTC36SAAN Datasheet
249Kb / 12P
[Old version datasheet]   bq2026 Evaluation Software
PTC36SAAN TI1-PTC36SAAN Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
List of Unclassifed Man...
PTC36SAAN-M ETC1-PTC36SAAN-M Datasheet
76Kb / 2P
   SQUARE POST HEADER
More results

Similar Description - PTC36SAAN

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UCA0125 ULTRALIFE-UCA0125 Datasheet
527Kb / 1P
   PRC-148 and PRC-152 Adapter
Rev B
UCA0126 ULTRALIFE-UCA0126 Datasheet
541Kb / 1P
   PRC-148 and PRC-152 Adapter
Rev A
logo
Analog Devices
HMC432 AD-HMC432 Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
Ultralife Corporation.
MRC-42 ULTRALIFE-MRC-42 Datasheet
734Kb / 2P
   Charger/Power System for the AN/PRC-148 (MBITR)
7 March 2016 Rev A
logo
Molex Electronics Ltd.
0473093751 MOLEX6-0473093751 Datasheet
168Kb / 4P
   1.10mm (.043") Pitch microSD Card Header, with Detect Switch, Height 3.75mm (.148"), Lead free
logo
Schneider Electric
RMPT20BD SCHNEIDER-RMPT20BD Datasheet
134Kb / 6P
   Harmony Analog, Converter for Universal Pt100 probes, temperature transmitter, 100...100째C/148...212 째F
RMPT23BD SCHNEIDER-RMPT23BD Datasheet
134Kb / 6P
   Harmony Analog, Converter for Optimum Pt100 probes, temperature transmitter, 100...100 째C/148...212 째F
logo
Ultralife Corporation.
MRC-171 ULTRALIFE-MRC-171 Datasheet
420Kb / 1P
   The MRC-171 AN/PRC-148 MBITR battery charger adapter allows the safe charging/discharging of one or two batteries simultaneously
Rev: B
logo
Molex Electronics Ltd.
0879590007 MOLEX10-0879590007 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 3.75mm (.148) Tail Length, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com