Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63030 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63030
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63030 Datasheet(HTML) 3 Page - Texas Instruments

  TPS63030 Datasheet HTML 1Page - Texas Instruments TPS63030 Datasheet HTML 2Page - Texas Instruments TPS63030 Datasheet HTML 3Page - Texas Instruments TPS63030 Datasheet HTML 4Page - Texas Instruments TPS63030 Datasheet HTML 5Page - Texas Instruments TPS63030 Datasheet HTML 6Page - Texas Instruments TPS63030 Datasheet HTML 7Page - Texas Instruments TPS63030 Datasheet HTML 8Page - Texas Instruments TPS63030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS63030
TPS63031
www.ti.com
SLVS696B – OCTOBER 2008 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25°C) (unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
1.8
5.5
V
VI
Minimum input voltage for startup
0°C
≤ TA ≤ 85°C
1.6
1.8
1.9
V
VI
Minimum input voltage for startup
1.6
1.8
2.0
V
VO
TPS63030 output voltage range
1.2
5.5
V
Minimum duty cycle in step down conversion
30%
40%
TPS63030 feedback voltage
495
500
505
mV
VFB
PS/SYNC = VIN
TPS63031 output voltage
3.267
3.3
3.333
V
TPS63030 feedback voltage
PS/SYNC = GND Referenced to 500mV
-3%
+6%
VFB
TPS63031 output voltage
PS/SYNC = GND Referenced to 3.3V
-3%
+6%
f
Oscillator frequency
2200
2400
2600
kHz
Frequency range for synchronization
2200
2400
2600
kHz
ISW
Average switch current limit
VIN = VINA = 3.6 V, TA = 25°C
900
1000
1100
mA
High side switch on resistance
VIN = VINA = 3.6 V
200
m
Low side switch on resistance
VIN = VINA = 3.6 V
200
m
Maximum line regulation
0.5%
Maximum load regulation
0.5%
VIN and VINA
25
35
μA
Quiescent
IO = 0 mA, VEN = VIN = VINA = 3.6 V,
Iq
current
VOUT = 3.3 V
VOUT
4
6
μA
TPS63031 FB input impedance
VEN = HIGH
1
M
IS
Shutdown current
VEN = 0 V, VIN = VINA = 3.6 V
0.1
0.9
μA
CONTROL STAGE
VUVLO Under voltage lockout threshold
VINA voltage decreasing
1.4
1.5
1.6
V
VIL
EN, PS/SYNC input low voltage
0.4
V
VIH
EN, PS/SYNC input high voltage
1.2
V
EN, PS/SYNC input current
Clamped on GND or VINA
0.01
0.1
μA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS63030 TPS63031


Similar Part No. - TPS63030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030DSK TI-TPS63030DSK Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030DSKR TI-TPS63030DSKR Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030DSKR TI-TPS63030DSKR Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results

Similar Description - TPS63030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Texas Instruments
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com