Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63000DRC Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS63000DRC
Description  TPS63000EVM-148
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63000DRC Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS63000DRC Datasheet HTML 3Page - Texas Instruments TPS63000DRC Datasheet HTML 4Page - Texas Instruments TPS63000DRC Datasheet HTML 5Page - Texas Instruments TPS63000DRC Datasheet HTML 6Page - Texas Instruments TPS63000DRC Datasheet HTML 7Page - Texas Instruments TPS63000DRC Datasheet HTML 8Page - Texas Instruments TPS63000DRC Datasheet HTML 9Page - Texas Instruments TPS63000DRC Datasheet HTML 10Page - Texas Instruments TPS63000DRC Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.ti.com
4.2
Bill of Materials
4.3
Related Documentation From Texas Instruments
4.4
If You Need Assistance
Schematic and Bill of Materials
Table 2. TPS63000EVM-148 Bill of Materials
Count
RefDes
Value
Description
Size
Part Number
MFR
3
C1, C2, C3
10
µF
Capacitor, ceramic, 6.3-V, X5R, 20%
0603
C1608X5R0J106M
TDK
4
J1–J4
Header, 2-pin, 100-mil spacing, (36-pin strip) 0.100
× 2
PTC36SAAN
Sullins
2
JP1, JP2
Header, 3-pin, 100-mil spacing, (36-pin strip) 0.100
× 3
PTC36SAAN
Sullins
1
L1
2.2
µH
Inductor, SMT, 1.5-A, 110-m
0.118
× 0.118
LPS3015-222ML
Coilcraft
3
R1, R3, R4
1.00M
Resistor, chip, 1/16-W, 1%
0603
Std
Std
1
R2
178k
Resistor, chip, 1/16-W, 1%
0603
Std
Std
1
U1
IC, High Efficiency, single-inductor
QFN10
TPS63000DRC
TI
buck-boost converter with 1.2-A switches
1
PCB, 1.3-In
× 0.95-In × 0.062-In
HPA148
Any
2
Shunt, 100-mil, black
0.100
929950-00
3M
TPS63000 data sheet (SLVS520)
Contact your local TI sales representative.
SLVU156 – March 2006
TPS63000EVM-148
9
Submit Documentation Feedback


Similar Part No. - TPS63000DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63000DRC TI-TPS63000DRC Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI-TPS63000DRC Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI-TPS63000DRC Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRC TI1-TPS63000DRC Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000DRCR TI-TPS63000DRCR Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
More results

Similar Description - TPS63000DRC

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UCA0125 ULTRALIFE-UCA0125 Datasheet
527Kb / 1P
   PRC-148 and PRC-152 Adapter
Rev B
UCA0126 ULTRALIFE-UCA0126 Datasheet
541Kb / 1P
   PRC-148 and PRC-152 Adapter
Rev A
logo
Analog Devices
HMC432 AD-HMC432 Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
BC-148 AD-BC-148 Datasheet
276Kb / 1P
   148-Lead Chip Scale Package Ball Grid Array
logo
Ultralife Corporation.
MRC-42 ULTRALIFE-MRC-42 Datasheet
734Kb / 2P
   Charger/Power System for the AN/PRC-148 (MBITR)
7 March 2016 Rev A
logo
Molex Electronics Ltd.
0473093751 MOLEX6-0473093751 Datasheet
168Kb / 4P
   1.10mm (.043") Pitch microSD Card Header, with Detect Switch, Height 3.75mm (.148"), Lead free
logo
Schneider Electric
RMPT20BD SCHNEIDER-RMPT20BD Datasheet
134Kb / 6P
   Harmony Analog, Converter for Universal Pt100 probes, temperature transmitter, 100...100째C/148...212 째F
RMPT23BD SCHNEIDER-RMPT23BD Datasheet
134Kb / 6P
   Harmony Analog, Converter for Optimum Pt100 probes, temperature transmitter, 100...100 째C/148...212 째F
logo
Ultralife Corporation.
MRC-171 ULTRALIFE-MRC-171 Datasheet
420Kb / 1P
   The MRC-171 AN/PRC-148 MBITR battery charger adapter allows the safe charging/discharging of one or two batteries simultaneously
Rev: B
logo
Molex Electronics Ltd.
0879590007 MOLEX10-0879590007 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch SAS Multi-Lane Plug, Vertical, Through Hole, with Beveled Metal Pins and Plastic Locating Pegs, 32 Circuits, 3.75mm (.148) Tail Length, Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com