Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82671SIP Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS82671SIP
Description  TPS826xxEVM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82671SIP Datasheet(HTML) 1 Page - Texas Instruments

  TPS82671SIP Datasheet HTML 1Page - Texas Instruments TPS82671SIP Datasheet HTML 2Page - Texas Instruments TPS82671SIP Datasheet HTML 3Page - Texas Instruments TPS82671SIP Datasheet HTML 4Page - Texas Instruments TPS82671SIP Datasheet HTML 5Page - Texas Instruments TPS82671SIP Datasheet HTML 6Page - Texas Instruments TPS82671SIP Datasheet HTML 7Page - Texas Instruments TPS82671SIP Datasheet HTML 8Page - Texas Instruments TPS82671SIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
User
's Guide
SLVU383D
– October 2010 – Revised November 2011
TPS826xxEVM
This user
’s guide describes the characteristics, operation, and use of the TPS826xxEVM-646 evaluation
module (EVM). The TPS826xxEVM-646 is a fully assembled and tested platform for evaluating the
performance of the TPS82671, TPS82672, TPS82675, TPS82690 and TPS82695 high-frequency,
synchronous, step-down dc-dc converters optimized for battery-powered portable applications. This
document includes schematic diagrams, a printed circuit board (PCB) layout, bill of materials, and test
data. Throughout this document, the abbreviations EVM and TPS826xxEVM and the term evaluation
module are synonymous with the TPS826xxEVM-646 unless otherwise noted.
Contents
1
Introduction
.................................................................................................................. 2
1.1
Features
............................................................................................................. 2
1.2
Applications
......................................................................................................... 2
1.3
EVM Ordering Options
............................................................................................ 2
2
TPS826xxEVM Schematic
................................................................................................. 3
3
Connector and Test Point Descriptions
.................................................................................. 3
3.1
Input / Output Connectors: TPS826xxEVM
..................................................................... 3
3.2
Jumpers and Switches
............................................................................................ 4
4
Test Configuration
.......................................................................................................... 5
4.1
Hardware Setup
.................................................................................................... 5
4.2
Procedure
........................................................................................................... 5
5
TPS826xxEVM Test Data
.................................................................................................. 6
5.1
Thermal Performance
............................................................................................. 6
6
TPS826xxEVM Assembly Drawings and Layout
....................................................................... 8
7
Bill of Materials
............................................................................................................. 11
8
Marking Information
....................................................................................................... 11
List of Figures
1
TPS826xxEVM Schematic
................................................................................................. 3
2
Hardware Board Connection
.............................................................................................. 5
3
Top Side Thermal Measurement
.......................................................................................... 6
4
Bottom Side Thermal Measurement
...................................................................................... 7
5
TPS826xxEVM Component Placement (Top View)
.................................................................... 8
6
TPS826xxEVM Top-Side Copper (Top View)
........................................................................... 9
7
TPS826xxEVM Bottom-Side Copper (Bottom View)
.................................................................. 10
Bluetooth is a registered trademark of Bluetooth SIG.
All other trademarks are the property of their respective owners.
1
SLVU383D
– October 2010 – Revised November 2011
TPS826xxEVM
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TPS82671SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82671SIP TI1-TPS82671SIP Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671SIPR TI1-TPS82671SIPR Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671SIPR TI1-TPS82671SIPR Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671SIPR TI1-TPS82671SIPR Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671SIPR TI-TPS82671SIPR Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com