Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEC03SAAN Datasheet(PDF) 1 Page - Texas Instruments

Part # PEC03SAAN
Description  TPS75005EVM-023
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PEC03SAAN Datasheet(HTML) 1 Page - Texas Instruments

  PEC03SAAN Datasheet HTML 1Page - Texas Instruments PEC03SAAN Datasheet HTML 2Page - Texas Instruments PEC03SAAN Datasheet HTML 3Page - Texas Instruments PEC03SAAN Datasheet HTML 4Page - Texas Instruments PEC03SAAN Datasheet HTML 5Page - Texas Instruments PEC03SAAN Datasheet HTML 6Page - Texas Instruments PEC03SAAN Datasheet HTML 7Page - Texas Instruments PEC03SAAN Datasheet HTML 8Page - Texas Instruments PEC03SAAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
User
's Guide
SBVU019A
– October 2011 – Revised October 2011
TPS75005EVM-023
This user
’s guide describes the characteristics, operation, and use of the TPS75005EVM-023 evaluation
module (EVM). The TPS75005EVM-023 is a reference design for engineering demonstration and
evaluation of the TPS75005 dual low-dropout linear regulator (LDO) and triple voltage rail monitor from
Texas Instruments. This user
’s guide includes setup and configuration instructions, a complete schematic
diagram, bill of materials (BOM), and printed circuit board (PCB) layouts for the evaluation module.
Throughout this document, the abbreviation EVM and the term evaluation module are synonymous with
the TPS75005EVM-023 unless otherwise noted.
Contents
1
Introduction
.................................................................................................................. 2
2
Setup
......................................................................................................................... 2
3
Operation
..................................................................................................................... 4
4
Test Results
................................................................................................................. 5
5
Thermal Guidelines and Layout Recommendations
................................................................... 6
6
Board Layout
................................................................................................................ 7
7
Schematic and Bill of Materials
.......................................................................................... 10
List of Figures
1
Start-Up Sequence, SEQ Set to Logic Low
............................................................................. 5
2
Shutdown Sequence, SEQ Set to Logic Low
........................................................................... 5
3
Load Step and Transient Response of LDO-1, VSET Set to Logic Low
............................................ 5
4
Load Step and Transient Response of LDO-2
.......................................................................... 5
5
Third Voltage Monitor Behavior (VDET) when EXT SVS Drops Below Regulation
................................ 6
6
Top Layer with Silk Screen
................................................................................................ 7
7
Top Layer
.................................................................................................................... 8
8
Internal Layer 1
.............................................................................................................. 8
9
Internal Layer 2
.............................................................................................................. 9
10
Bottom Layer
................................................................................................................ 9
11
TPS75005EVM-023 Schematic
.......................................................................................... 10
C2000 is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
1
SBVU019A
– October 2011 – Revised October 2011
TPS75005EVM-023
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - PEC03SAAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PEC03SAAN TI1-PEC03SAAN Datasheet
324Kb / 9P
[Old version datasheet]   TPS7A1601EVM-046
PEC03SAAN TI1-PEC03SAAN Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
PEC03SAAN TI1-PEC03SAAN Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
PEC03SAAN TI1-PEC03SAAN Datasheet
473Kb / 14P
[Old version datasheet]   TPS8125xEVM
PEC03SAAN TI1-PEC03SAAN Datasheet
6Mb / 17P
[Old version datasheet]   TPS7A4700EVM-094 Evaluation Module
More results

Similar Description - PEC03SAAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS-2-023 ETC2-SDS-2-023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
SDS023 ETC2-SDS023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
SCS-8-023 ETC2-SCS-8-023 Datasheet
112Kb / 1P
   Spectra C - 023 style the PCB space saver
1351783 ETC2-1351783 Datasheet
100Kb / 3P
   23 AWG stranded (7x32) .023 bare compacted copper conductor, polyethylene insulation,
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
logo
Vishay Siliconix
PHR VISHAY-PHR Datasheet
113Kb / 6P
   ESCC 4001/023 Qualified High Precision (5 ppm, 0.01 %), Thin Film Chip Resistors
Revision: 28-Aug-15
logo
List of Unclassifed Man...
1345253 ETC2-1345253 Datasheet
101Kb / 3P
   23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
logo
Vishay Siliconix
PFRR VISHAY-PFRR Datasheet
109Kb / 6P
   ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0350979822 MOLEX4-0350979822 Datasheet
105Kb / 2P
   MP-Lock??Quick Disconnect with Vibration Support, Female, for 16-20AWG(1.31-0.52mm짼;), Metal Strip, Tab 2.79 by 0.60mm (.110 by .023"), Pre-Tin Plated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com