Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28027PTQ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28027PTQ
Description  Piccolo Microcontrollers
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28027PTQ Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28027PTQ Datasheet HTML 1Page - Texas Instruments TMS320F28027PTQ Datasheet HTML 2Page - Texas Instruments TMS320F28027PTQ Datasheet HTML 3Page - Texas Instruments TMS320F28027PTQ Datasheet HTML 4Page - Texas Instruments TMS320F28027PTQ Datasheet HTML 5Page - Texas Instruments TMS320F28027PTQ Datasheet HTML 6Page - Texas Instruments TMS320F28027PTQ Datasheet HTML 7Page - Texas Instruments TMS320F28027PTQ Datasheet HTML 8Page - Texas Instruments TMS320F28027PTQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523I – NOVEMBER 2008 – REVISED JULY 2012
Piccolo Microcontrollers
Check for Samples: TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022,
TMS320F28021, TMS320F28020, TMS320F280200
1
TMS320F2802x, TMS320F2802xx ( Piccolo™) MCUs
1.1
Features
123
• Highlights
• Low Device and System Cost:
– High-Efficiency 32-Bit CPU ( TMS320C28x™)
– Single 3.3-V Supply
– 60-MHz, 50-MHz, and 40-MHz Devices
– No Power Sequencing Requirement
– Single 3.3-V Supply
– Integrated Power-on and Brown-out Resets
– Integrated Power-on and Brown-out Resets
– Small Packaging, as Low as 38-Pin Available
– Two Internal Zero-pin Oscillators
– Low Power
– Up to 22 Multiplexed GPIO Pins
– No Analog Support Pins
– Three 32-Bit CPU Timers
• Clocking:
– On-Chip Flash, SARAM, OTP Memory
– Two Internal Zero-pin Oscillators
– Code-security Module
– On-Chip Crystal Oscillator/External Clock
Input
– Serial Port Peripherals (SCI/SPI/I2C)
– Dynamic PLL Ratio Changes Supported
– Enhanced Control Peripherals
– Watchdog Timer Module
Enhanced Pulse Width Modulator (ePWM)
– Missing Clock Detection Circuitry
High-Resolution PWM (HRPWM)
• Up to 22 Individually Programmable,
Enhanced Capture (eCAP)
Multiplexed GPIO Pins With Input Filtering
Analog-to-Digital Converter (ADC)
• Peripheral Interrupt Expansion (PIE) Block That
On-Chip Temperature Sensor
Supports All Peripheral Interrupts
Comparator
• Three 32-Bit CPU Timers
– 38-Pin and 48-Pin Packages
• Independent 16-Bit Timer in Each ePWM
• High-Efficiency 32-Bit CPU ( TMS320C28x™)
Module
– 60 MHz (16.67-ns Cycle Time)
• On-Chip Memory
– 50 MHz (20-ns Cycle Time)
– Flash, SARAM, OTP, Boot ROM Available
– 40 MHz (25-ns Cycle Time)
• 128-Bit Security Key/Lock
– 16 x 16 and 32 x 32 MAC Operations
– Protects Secure Memory Blocks
– 16 x 16 Dual MAC
– Prevents Firmware Reverse Engineering
– Harvard Bus Architecture
• Serial Port Peripherals
– Atomic Operations
– One SCI (UART) Module
– Fast Interrupt Response and Processing
– One SPI Module
– Unified Memory Programming Model
– One Inter-Integrated-Circuit (I2C) Bus
– Code-Efficient (in C/C++ and Assembly)
• Advanced Emulation Features
• Endianness: Little Endian
– Analysis and Breakpoint Functions
– Real-Time Debug via Hardware
• 2802x, 2802xx Packages
– 38-Pin DA Thin Shrink Small-Outline
Package (TSSOP)
– 48-Pin PT Low-Profile Quad Flatpack (LQFP)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Piccolo, TMS320C28x, C28x, TMS320C2000, Code Composer Studio, XDS510, XDS560 are trademarks of Texas
Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2008–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TMS320F28027PTQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28027PTQ TI-TMS320F28027PTQ Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027PTQ TI1-TMS320F28027PTQ Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027PTQ TI1-TMS320F28027PTQ Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027PTQ TI1-TMS320F28027PTQ Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027PTQ TI-TMS320F28027PTQ Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
More results

Similar Description - TMS320F28027PTQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com