Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH25-10B09 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LH25-10B09
Description  LH series ----is a compact size power converter offered by Mornsun.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH25-10B09 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LH25-10B09 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH25-10B09 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH25-10B09 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH25-10B09 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH25-10B09 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH25-10B09 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH25-10B09 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH25-10B09 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice
LH05-25
A/3-2012
Page 2 of 8
Approval
Model
Package
Power
Output (Vo1/Io1)
Output (Vo2/Io2)
Ripple and
Noise(Typ)
Efficiency
(%)(Typ.)
UL/CE
LH15-10B05
5V/2800mA
76
UL/CE
LH15-10B09
9V/1600mA
78
UL/CE
LH15-10B12
12V/1250mA
80
UL/CE
LH15-10B15
15V/1000mA
80
UL/CE
LH15-10B24
24V/625mA
84
UL/CE
LH15-10B48
48V/320mA
85
LH15-10A05
+5V/1500mA
-5V/1500mA
76
LH15-10A12
+12V/650mA
-12V/650mA
81
LH15-10A15
+15V/500mA
-15V/500mA
83
LH15-10C0505-05
5V/2000mA
±5V/500mA
75
LH15-10C0512-02
5V/2000mA
±12V/200mA
77
LH15-10C0515-02
5V/1800mA
±15V/200mA
78
LH15-10C0524-01
5V/2000mA
±24V/100mA
78
LH15-10D0505-08
5V/2200mA
5V/800mA
76
LH15-10D0512-04
5V/2000mA
12V/400mA
80
LH15-10D0515-03
5V/2000mA
15V/300mA
80
LH15-10D0524-02
62X45X22.5mm
15W
5V/2000mA
24V/200mA
81
UL/CE
LH20-10B03
3.3V/4100mA
73
UL/CE
LH20-10B05
5V/3500mA
75
UL/CE
LH20-10B09
9V/2100mA
77
UL/CE
LH20-10B12
12V/1600mA
81
UL/CE
LH20-10B15
15V/1300mA
83
UL/CE
LH20-10B24
24V/850mA
85
LH20-10A05
+5V/2000mA
-5V/2000mA
75
LH20-10A12
+12V/830mA
-12V/830mA
82
LH20-10A15
+15V/650mA
-15V/650mA
83
LH20-10C0512-04
5V/2000mA
±12V/400mA
75
LH20-10C0515-03
5V/2000mA
±15V/300mA
76
LH20-10C0524-02
5V/2000mA
±24V/200mA
77
LH20-10D0512-06
5V/2500mA
12V/600mA
75
LH20-10D0524-03
70X48X23.5mm
20W
5V/2500mA
24V/300mA
50mV
77
UL/CE
LH25-10B03
3.3V/4100mA
73
UL/CE
LH25-10B05
5V/4100mA
74
UL/CE
LH25-10B09
9V/2500mA
78
UL/CE
LH25-10B12
12V/2100mA
82
UL/CE
LH25-10B15
15V/1600mA
83
UL/CE
LH25-10B24
24V/1100mA
85
UL/CE
LH25-10B48
70X48X23.5mm
25W
48V/500mA
50mV
87
Note: LH05-10AXX sample Vo2 for feedback;LH10/15/20-10AXX sample positive and negative output for feedback;others sample Vo1 for feedback。
INPUT SPECIFICATIONS
Input voltage range
85~264VAC,
120~370VDC
Input frequency
47~63Hz
Input current
LH05 models
LH10 models
LH15 models
LH20 models
LH25 models
110VAC
120mA, typ
230mA, typ
250mA, typ
330mA, typ
420mA, typ
230VAC
70mA, typ
120mA, typ
140mA, typ
180mA, typ
230mA, typ
Inrush current
LH05 models
LH10 models
LH15 models
LH20/LH25 models
110VAC
10A, typ
10A, typ
10A, typ
16A, typ
230VAC
20A, typ
20A, typ
20A, typ
30A, typ
Leakage current
0.3mA
RMS typ./230VAC/50Hz


Similar Part No. - LH25-10B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH25-10B09 MORNSUN-LH25-10B09 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
More results

Similar Description - LH25-10B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com