Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKL25Z64TFMCCC(R) Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PKL25Z64TFMCCC(R)
Description  KL24/KL25 Product Brief
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PKL25Z64TFMCCC(R) Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PKL25Z64TFMCCC(R) Datasheet HTML 1Page - Freescale Semiconductor, Inc PKL25Z64TFMCCC(R) Datasheet HTML 2Page - Freescale Semiconductor, Inc PKL25Z64TFMCCC(R) Datasheet HTML 3Page - Freescale Semiconductor, Inc PKL25Z64TFMCCC(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc PKL25Z64TFMCCC(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc PKL25Z64TFMCCC(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc PKL25Z64TFMCCC(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc PKL25Z64TFMCCC(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc PKL25Z64TFMCCC(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Memories and
Memory Interfaces
Program
flash
RAM
6-bit DAC
Analog
Timers
Communication
Interfaces
Security
and Integrity
SPI
x2
Low
power timer
Clocks
Frequency-
Core
Debug
interfaces
Interrupt
controller
comparator
x1
Analog
Human-Machine
Interface (HMI)
System
DMA
Internal
watchdog
locked loop
Phase-
locked loop
reference
Internal
clocks
timers
interrupt
Periodic
oscillator
Low/high
frequency
Low power
UART
x1
® Cortex™-M0+
ARM
with
GPIOs
interrupt
Migration difference from KL14 family
USB LS/FS
x1
BME
MTB
RTC
watchdog
Internal
Kinetis KL24 Family
LEGEND
x2
I
C
2
x1
UART
x2
Timers
1x6ch+2x2ch
12-bit ADC
x1
Figure 2. KL24 family block diagram
Block Diagram
KL24/KL25 Product Brief, Rev. 2, 6/2012
4
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - PKL25Z64TFMCCC(R)

ManufacturerPart #DatasheetDescription
logo
StarHope
PKL20A SPSEMI-PKL20A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
PKL22A SPSEMI-PKL22A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
PKL24A SPSEMI-PKL24A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
logo
Schneider Electric
PKL26000S10 SCHNEIDER-PKL26000S10 Datasheet
141Kb / 2P
   POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 1000 A P-Frame
PKL26000S12 SCHNEIDER-PKL26000S12 Datasheet
141Kb / 2P
   POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 1200 A P-Frame
More results

Similar Description - PKL25Z64TFMCCC(R)

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com