Electronic Components Datasheet Search |
|
SR271C104MAR Datasheet(PDF) 8 Page - AVX Corporation |
|
SR271C104MAR Datasheet(HTML) 8 Page - AVX Corporation |
8 / 14 page 22 Radial Leads/SkyCap ®/SL Series Z5U Dielectric For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory. *Other capacitance values available upon special request. MAXIMUM CAPACITANCE VALUE STYLE* C0G (NP0) X7R SL29 900 pF .015 µF SL20 1800 pF .033 µF SL28 SL59 900 pF .015 µF SL13 SL21 1800 pF .033 µF SL30 SL61 7200 pF .12 µF SL65 SL40 SL75 .015 µF .27 µF SL22 1800 pF .033 µF SL27 1800 pF .033 µF SL76 .015 µF .27 µF SL50 .036 µF .59 µF AVX 500 VOLT SKYCAPS** *Consult pages 27 and 28 for style sizes. **Voltage rating based on DWV of 150% of rated voltage. AVX Style SL15 SL20 SL21 SL22 SL27 SL30 SL40 SL50 AVX “Insertable” SL07 SL29 SL59 N/A N/A SL65 SL75 N/A Width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (W) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) Height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (H) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) Thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (T) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) Lead Spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (L.S.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) Lead Diameter .508 .508 .508 .508 .508 .508 .508 .635 (L.D.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) Cap. in.* Industry Preferred WVDC WVDC WVDC WVDC WVDC WVDC WVDC WVDC pF Values in Blue 100 50 100 50 100 50 100 50 100 50 100 50 100 50 100 50 10,000 SL155E103ZAB 47,000 SL-----E473ZAB 100,000 SL215E104ZAB 150,000 SL-----E154ZAB 220,000 SL215E224ZAB 330,000 SL215E334ZAB 470,000 SL215E474ZAB 680,000 SL-----E684ZAB 1.0 µF SL-----105ZAB 1.5 µF SL30E155ZAB 2.2 µF SL30E225ZAB 3.3 µF SL30E335ZAB 4.7 µF SL30E475ZAB = Industry preferred values = SL20 only SIZE AND CAPACITANCE SPECIFICATIONS EIA Characteristic Dimensions: Millimeters (Inches) |
Similar Part No. - SR271C104MAR |
|
Similar Description - SR271C104MAR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |