Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKL25A128TFMCCC(R) Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PKL25A128TFMCCC(R)
Description  KL24/KL25 Product Brief
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PKL25A128TFMCCC(R) Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PKL25A128TFMCCC(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc PKL25A128TFMCCC(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc PKL25A128TFMCCC(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc PKL25A128TFMCCC(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc PKL25A128TFMCCC(R) Datasheet HTML 11Page - Freescale Semiconductor, Inc PKL25A128TFMCCC(R) Datasheet HTML 12Page - Freescale Semiconductor, Inc PKL25A128TFMCCC(R) Datasheet HTML 13Page - Freescale Semiconductor, Inc PKL25A128TFMCCC(R) Datasheet HTML 14Page - Freescale Semiconductor, Inc PKL25A128TFMCCC(R) Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Table 4. KL25 48MHz performance table (continued)
MC Part number
Pin Count
32
32
32
48
48
48
64
64
64
80
80
80
Package
QFN
QFN
QFN
QFN
QFN
QFN
LQFP LQFP LQFP LQFP LQFP LQFP
Memories and Memory Interfaces
Flash
32KB
64KB 128KB 32KB
64KB 128KB 32KB
64KB 128KB 32KB
64KB 128KB
SRAM
4KB
8KB
16KB
4KB
8KB
16KB
4KB
8KB
16KB
4KB
8KB
16KB
Cache
64B
64B
64B
64B
64B
64B
64B
64B
64B
64B
64B
64B
Core Modules
Debug
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
Trace
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
MTB
NMI
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
System Modules
Watchdog
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
PMC
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
DMA
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
4ch
Clock Modules
MCG
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
FLL,
PLL
OSC (32-40kHz/
3-32MHz)
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
RTC
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
Analog
Total SE Channels SAR
ADC (w temp sense)
16bit,
1x7ch
16bit,
1x7ch
16bit,
1x7ch
16bit,
1x13c
h
16bit,
1x13c
h
16bit,
1x13c
h
16bit,
1x14c
h
16bit,
1x14c
h
16bit,
1x14c
h
16bit,
1x14c
h
16bit,
1x14c
h
16bit,
1x14c
h
DP Channels
-
-
-
1ch
1ch
1ch
2ch
2ch
2ch
2ch
2ch
2ch
SE Channels
7ch
7ch
7ch
11ch
11ch
11ch
10ch
10ch
10ch
10ch
10ch
10ch
12-bit DAC
1
1
1
1
1
1
1
1
1
1
1
1
Analog Comparator
1
1
1
1
1
1
1
1
1
1
1
1
Analog Comparator Inputs
3
3
3
4
4
4
6
6
6
6
6
6
Timers
General purpose/PWM
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
1x6ch
+2x2c
h
Low Power Timer
1
1
1
1
1
1
1
1
1
1
1
1
PIT (32bit)
1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch 1x2ch
Communication Interfaces
Table continues on the next page...
Features
KL24/KL25 Product Brief, Rev. 2, 6/2012
Freescale Semiconductor, Inc.
Preliminary
11
General Business Information


Similar Part No. - PKL25A128TFMCCC(R)

ManufacturerPart #DatasheetDescription
logo
StarHope
PKL20A SPSEMI-PKL20A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
PKL22A SPSEMI-PKL22A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
PKL24A SPSEMI-PKL24A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
logo
Schneider Electric
PKL26000S10 SCHNEIDER-PKL26000S10 Datasheet
141Kb / 2P
   POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 1000 A P-Frame
PKL26000S12 SCHNEIDER-PKL26000S12 Datasheet
141Kb / 2P
   POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 1200 A P-Frame
More results

Similar Description - PKL25A128TFMCCC(R)

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com