Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM450FW Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LTM450FW
Description  Ceramic Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LTM450FW Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LTM450FW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LTM450FW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LTM450FW Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
6-4
TEMPERATURE CYCLING
SUBJECT
THE
FILTER
TO
ALOW TEMPERATURE OF -55℃ FOR 30
MINUTES. FOLLOWSING BY A HIGH TEMPERATURE
OF +85℃ FOR 30
MINUTES. THEN RELEASE THE FILTER INTO THE ROOM
CONDITIONS
FOR 1 TO 2 HOURS PRIOR TO THE MESUREMENT. IT SHALL MEET THE
SPECIFICATIONS IN TABLE 1.
6-5
RESISTANCE
TO
SOLDER HEAT
DIP THE FILTER TERMINALS NO
CLOSER
THAN
1.5mm
INTO THE
SOLDER BATH AT 270℃ ±10℃ FOR 10±1 SEC. THEN RELEASE THE
FILTER
IN TO
THE
ROOM
CONDITIONS
FOR 1 TO 2 HOURS. THE
FILTER SHALL MEET THE SPECIFICATIONS IN TABLE 1.
6-6
MECHANICAL SHOCK
DROP THE FIL TER RANDOMLY ONTO THE
CONCRETE FLOOR FROM
THE
HEIGHT OF 30cm 3
TIMES.THE FILTER
SHALL FULFILL
THE
SPECIFICATIONS IN TABLE 1.
6-7
VIBRATION
SUBJECT THE FILTER TO THE
VIBRATION FOR 1 HOUR EACH IN X,Y
AND
Z AXES WITH THE
AMPLITUDE OF 1.5mm AT 10 TO 55Hz.
THE
FILTER
SHALL
FULFILLTHE SPECIFICATIONS IN TABLE 1.
6-8
LEAD FATIGUE
6-8-1
PULLING TEST
WEIGHT
ALONG WITH THE DIRECTION OF LEAD WITHOUT AN
SHOCK 3 KG.
THE
FILTER SHALL SATISFY ALL THE INITIALL
CHARACTERISTICS.
6-8-2
BENDING TEST
LEAD
SHALL BE SUBJECT TO
WITHSTAND
AGAINST
90℃
BENDING IN THE DERECTION OF THICKNESS. THIS OPERATION
SHALL BE
DONE
TOWARD
BOTH
DIRECTION.THE FIL TER
SHALL SHOW
NOEVIDENCE OF DAMAGE AND SHALL SATISFY
ALL THE INITIAL ELECTRIC AL CHARACTERISTICS.
TABLE 1
ITEM
SPECIFICATION
CENTRE FREQUENCY(f。)
450±1.5 KHz Max
BAND WIDTH(6 dB)
±6.0 KHz Min
SELECTIVITY(50 dB)
±12.50 KHz Max
STOP BAND ATTENUATION
40 dB Min
RIPPLE
2.0 dB Max
INSERTION LOSS
6.0 dB
Max
LTM450FW
Ceramic Filter


Similar Part No. - LTM450FW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTM450FW ETC-LTM450FW Datasheet
66Kb / 1P
   6 ELEMENT CERAMIC FILTER
logo
auris-GmbH
LTM450FW AURIS-LTM450FW Datasheet
128Kb / 1P
   Filter THT
logo
EUROQUARTZ limited
LTM450FW EUROQUARTZ-LTM450FW Datasheet
52Kb / 1P
   CERAMIC FILTER
logo
ECS, Inc.
LTM450FW ECS-LTM450FW Datasheet
282Kb / 1P
   6 ELEMENT CERAMIC FILTER
logo
Shoulder Electronics Li...
LTM450FW SHOULDER-LTM450FW Datasheet
96Kb / 2P
   CERAMIC FILTER
More results

Similar Description - LTM450FW

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com