Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKL25A128ATFMCCC(R) Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PKL25A128ATFMCCC(R)
Description  KL24/KL25 Product Brief
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PKL25A128ATFMCCC(R) Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PKL25A128ATFMCCC(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc PKL25A128ATFMCCC(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc PKL25A128ATFMCCC(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc PKL25A128ATFMCCC(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc PKL25A128ATFMCCC(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc PKL25A128ATFMCCC(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc PKL25A128ATFMCCC(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc PKL25A128ATFMCCC(R) Datasheet HTML 11Page - Freescale Semiconductor, Inc PKL25A128ATFMCCC(R) Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
4.3 Part Numbers and Packaging
Q KL## A FFF T PP CC (N)
Qualification status
Family
Flash size
Temperature range (°C)
Speed (MHz)
Package identifier
Tape and Reel (T&R)
Key attribute
Figure 4. Part numbers diagrams
Field
Description
Values
Q
Qualification status
• M = Fully qualified, general market flow
• P = Prequalification
KL##
Kinetis family
• KL24
• KL25
A
Key attribute
• Z = Cortex-M0+
FFF
Program flash memory size
• 32 = 32 KB
• 64 = 64 KB
• 128 = 128 KB
• 256 = 256 KB
R
Silicon revision
• (Blank) = Main
• A = Revision after main
T
Temperature range (°C)
• V = –40 to 105
PP
Package identifier
• FM = 32 QFN (5 mm x 5 mm)
• FT = 48 QFN (7 mm x 7 mm)
• LH = 64 LQFP (10 mm x 10 mm)
• LK = 80 LQFP (12 mm x 12 mm)
CC
Maximum CPU frequency (MHz)
• 4 = 48 MHz
N
Packaging type
• R = Tape and reel
• (Blank) = Trays
4.4 KL24/KL25 Family Features
The following sections list the differences among the various devices available within the KL24/KL25 family.
The features listed below each part number specify the maximum configuration available on that device. The signal
multiplexing configuration determines which modules can be used simultaneously.
The following tables are limited to 128 KB Flash and 80-pin packages, more high Flash density and large package devices
will be available soon. Keep tracking Freescale website to get the latest update.
Features
KL24/KL25 Product Brief, Rev. 2, 6/2012
8
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - PKL25A128ATFMCCC(R)

ManufacturerPart #DatasheetDescription
logo
StarHope
PKL20A SPSEMI-PKL20A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
PKL22A SPSEMI-PKL22A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
PKL24A SPSEMI-PKL24A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
logo
Schneider Electric
PKL26000S10 SCHNEIDER-PKL26000S10 Datasheet
141Kb / 2P
   POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 1000 A P-Frame
PKL26000S12 SCHNEIDER-PKL26000S12 Datasheet
141Kb / 2P
   POWERPACT AUTOMATIC MOULDED CASE SWITCH 600V 1200 A P-Frame
More results

Similar Description - PKL25A128ATFMCCC(R)

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
050_324 GLENAIR-050_324 Datasheet
492Kb / 15P
   PRODUCT BRIEF
050_319 GLENAIR-050_319 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_318 GLENAIR-050_318 Datasheet
493Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com