Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2548DSTRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2548DSTRPBF
Description  SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2548DSTRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2548DSTRPBF Datasheet HTML 3Page - International Rectifier IRS2548DSTRPBF Datasheet HTML 4Page - International Rectifier IRS2548DSTRPBF Datasheet HTML 5Page - International Rectifier IRS2548DSTRPBF Datasheet HTML 6Page - International Rectifier IRS2548DSTRPBF Datasheet HTML 7Page - International Rectifier IRS2548DSTRPBF Datasheet HTML 8Page - International Rectifier IRS2548DSTRPBF Datasheet HTML 9Page - International Rectifier IRS2548DSTRPBF Datasheet HTML 10Page - International Rectifier IRS2548DSTRPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IRS2548D
www.irf.com
© 2011 International Rectifier
7
Electrical Characteristics (cont’d)
VCC = VBS = VBIAS=14V +/- 0.25V, CLO = CHO = CPFC = 1000pF, RFMIN = 42.2kOhm,
VENN = VCOMP = VCS = VOC = VBUS = VZX = 0V, TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units Test Conditions
Floating Supply Characteristics
IBS
VBS Supply Current
---
0.9
1.3
mA
MODE=RUN
VBSUV+
VBS Supply Undervoltage Positive Going
Threshold
8.0
9.0
10.0
VBS rising from
0V
VBSUV-
VBS Supply Undervoltage Negative
Going Threshold
7.0
8.0
9.0
V
VBS falling from
14V
ILKVS
VS Offset Supply Leakage Current
---
---
50
uA
VB = VS = 600V
PFC Error Amplifier Characteristics
ICOMP
SOURCE
COMP Pin OTA Error Amplifier Output
Current Sourcing
---
30
---
uA
MODE = RUN
VVBUS = 3.5V
VCOMP=4.0V
ICOMP
SINK
COMP Pin OTA Error Amplifier Output
Current Sinking
---
-30
---
MODE = RUN
VVBUS = 4.5V
VCOMP=4.0V
VCOMPOH
OTA Error Amplifier Output Voltage
Swing (high state)
---
12.5
---
V
VBUS=3.5V
ICOMP=ICOMP_
SOURCE - 5uA
VCOMPOL
OTA Error Amplifier Output Voltage
Swing (low state)
---
0.4
---
VBUS=5.0V
ICOMP=ICOMP_
SINK + 5uA
VCOMPFLT
OTA Error Amplifier Output Voltage in
Fault Mode
---
0
---
VBUS=4.0V
PFC Control Characteristics
VVBUS
REG
VBUS Internal Reference Voltage
3.93
4.03
4.13
VVBUSOV
VBUS Over-voltage Comparator
Threshold
4.1
4.3
4.5
V
VVBUSOV
HYS
VBUS Over-voltage Comparator
Hysteresis
50
150
300
mV
VCOMP = 4.0V
VZX
ZX Pin Threshold Voltage
1.8
2.0
2.2
V
VZXhys
ZX pin Comparator Hysteresis
---
300
---
mV
VZXclamp
ZX pin Clamp Voltage (high state)
---
6.7
---
V
IZX = 1mA
tBLANK
OC pin current-sensing blank time
---
300
---
ns
VBUS=4.0V
VCOMP=4.0V
tWD
PFC Watch-dog Pulse Interval
---
400
---
us
ZX = 0, VCOMP
= 4.0V
PFC Protection Circuitry Characteristics
VOCTH+
OC Pin Over-current Sense Threshold
1.1
1.2
1.3
VBUS=VCOMP
=4.0V


Similar Part No. - IRS2548DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2548DSPBF IRF-IRS2548DSPBF Datasheet
325Kb / 22P
   Critical-conduction mode boost-type PFC
IRS2548DSPBF IRF-IRS2548DSPBF_15 Datasheet
325Kb / 22P
   Critical-conduction mode boost-type PFC
More results

Similar Description - IRS2548DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
logo
Infineon Technologies A...
IRS2548D INFINEON-IRS2548D Datasheet
325Kb / 22P
   PFC, system control and half-bridge driver
September 29, 2011
IRS2505LPBF INFINEON-IRS2505LPBF Datasheet
965Kb / 19P
   Boost PFC and SMPS Control IC
2015-9-2
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF Datasheet
32Kb / 1P
   ?쏞OMBO8??PFC HALF-BRIDGE BALLAST IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com