Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTWC455G Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LTWC455G
Description  Ceramic Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LTWC455G Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LTWC455G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LTWC455G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LTWC455G Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LTWC455G Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6.ENVIRONMENTAL CHARACTERISTICS
6-1 Humidity
Keep the filter at 40℃ ± 2℃ and 90 to 95% RH for minimum 8 hours.
Then, release the filter into the room conditions for 1 hour prior to the
measurement. It shall fulfill the electrical specifications in section 3.
6-2 Vibration
Subject the filter to the vibration for 1 hour each in X, Y and Z axes with the
amplitude of 1.0mm at 10 to 55Hz. It shall fulfill the electrical specifications
in section 3.
6-3 Mechanical Shock
Drop the filter randomly onto a concrete floor from the height of 30cm 3
times. It shall fulfill the electrical specifications in section 3.
6-5 High Temperature Exposure
Put subject filter to chamber at 80 ± 5℃ for 96 ± 4 hours. Then, release
the filter into the room condition for 1 hour prior to the measurement. It
shall meet the electrical specifications in section 3.
6-6 Low Temperature Exposure
Put subject filter to –20 ± 5℃ for 96 ± 4 hours. Then, release the filter into
the room conditions for 1 hour prior to the measurement. It shall fulfill the
electrical specifications in section 3.
6-7 Temperature Cycling
Subject filter is put into low temperature of -40℃ for 30 minutes, followed
by a high temperature of +85℃ for 30 minutes. Cycling shall be repeated 5
times with a time interval of 15 minutes under room conditions. Then,
release the filter into the room conditions for 1 hour prior to the
measurement. It shall fulfill the electrical specifications in section 3.
6-8 Lead Fatigue
Weight 3Kg along to the direction of lead without a sudden shock. The filter
shall show no evidence of damage and shall satisfy all the initial characteristics.
LTWC455G
Ceramic Filter
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LTWC455G

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
LTWC455G AEL-LTWC455G Datasheet
962Kb / 1P
   SMD Ceramic Filter
logo
Shoulder Electronics Li...
LTWC455G SHOULDER-LTWC455G Datasheet
186Kb / 7P
   TEMPERATURE COEFFICIENT OF CENTER FREQUENCY SHALL BE DEFINED AS THE AVERAGE OF THE CENTRAL FREQUECY.
More results

Similar Description - LTWC455G

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com