Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324SG-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LMV324SG-7
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV324SG-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  LMV324SG-7 Datasheet HTML 1Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 2Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 3Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 4Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 5Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 6Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 7Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 8Page - Diodes Incorporated LMV324SG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/358/324
Document number: DS33196 Rev. 6 - 2
3 of 16
www.diodes.com
February 2011
© Diodes Incorporated
Electrical Characteristics
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 2.7V, V- = 0V, VCM = 1.0V, VO = V+/2 and RL > 1 MΩ.
Symbol
Parameter
Test Conditions
Min
(Note 6)
Typ.
(Note 5)
Max
(Note 6)
Unit
VOS
Input Offset Voltage
1.7
7
mV
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
10
nA
IOS
Input Offset Current
5
50
nA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 1.7V
50
63
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
VO = 1V
50
60
dB
VCMR
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
0
-0.2
V
1.9
1.7
VO
Output Swing
RL = 10 kΩ to 1.35V
V
+ - 100
V
+ - 20
mV
20
100
IS
Supply Current
LMV321
Single amplifier
110
140
µA
LMV358
Both amplifiers
190
340
µA
LMV324
All four amplifiers
340
680
µA
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 2.7V, V- = 0V, VCM = 1.0V, VO = V+/2 and RL > 1 MΩ.
GBWP
Gain-Bandwidth Product
CL = 200 pF
1
MHz
Φm
Phase Margin
60
Deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage Noise
f > 50 kHz
23
Z
H
nV


Similar Part No. - LMV324SG-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV324S TI-LMV324S Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324S TI-LMV324S Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324S TI-LMV324S Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324S TI-LMV324S Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324S TI-LMV324S Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV324SG-7

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com