Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL032P Datasheet(PDF) 4 Page - SPANSION

Part # S25FL032P
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P Datasheet(HTML) 4 Page - SPANSION

  S25FL032P Datasheet HTML 1Page - SPANSION S25FL032P Datasheet HTML 2Page - SPANSION S25FL032P Datasheet HTML 3Page - SPANSION S25FL032P Datasheet HTML 4Page - SPANSION S25FL032P Datasheet HTML 5Page - SPANSION S25FL032P Datasheet HTML 6Page - SPANSION S25FL032P Datasheet HTML 7Page - SPANSION S25FL032P Datasheet HTML 8Page - SPANSION S25FL032P Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
4
S25FL032P
S25FL032P_00_07 September 21, 2012
Data
She e t
General Description
The S25FL032P is a 3.0 Volt (2.7V to 3.6V), single-power-supply Flash memory device. The device consists
of 64 uniform 64 KB sectors with the two (Top or Bottom) 64 KB sectors further split up into thirty-two 4KB sub
sectors. The S25FL032P device is fully backward compatible with the S25FL032A device.
The device accepts data written to SI (Serial Input) and outputs data on SO (Serial Output). The devices are
designed to be programmed in-system with the standard system 3.0-volt VCC supply.
The S25FL032P device adds the following high-performance features using 5 new instructions:
 Dual Output Read using both SI and SO pins as output pins at a clock rate of up to 80 MHz
 Quad Output Read using SI, SO, W#/ACC and HOLD# pins as output pins at a clock rate of up to 80 MHz
 Dual I/O High Performance Read using both SI and SO pins as input and output pins at a clock rate of up
to 80 MHz
 Quad I/O High Performance Read using SI, SO, W#/ACC and HOLD# pins as input and output pins at a
clock rate of up to 80 MHz
 Quad Page Programming using SI, SO, W#/ACC and HOLD# pins as input pins to program data at a clock
rate of up to 80 MHz
The memory can be programmed 1 to 256 bytes at a time, using the Page Program command. The device
supports Sector Erase and Bulk Erase commands.
Each device requires only a 3.0-volt power supply (2.7V to 3.6V) for both read and write functions. Internally
generated and regulated voltages are provided for the program operations. This device requires a high
voltage supply to the W#/ACC pin to enable the Accelerated Programming mode.
The S25FL032P device also offers a One-Time Programmable area (OTP) of up to 128-bits (16 bytes) for
permanent secure identification and an additional 490 bytes of OTP space for other use. This OTP area can
be programmed or read using the OTPP or OTPR instructions.


Similar Part No. - S25FL032P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
logo
Cypress Semiconductor
S25FL032P CYPRESS-S25FL032P Datasheet
2Mb / 60P
   32-Mbit 3.0 V Flash Memory
logo
SPANSION
S25FL032P0XBFI000 SPANSION-S25FL032P0XBFI000 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI000 SPANSION-S25FL032P0XMFI000 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com