Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4580 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4580
Description  GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4580 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4580_12 Datasheet HTML 1Page - OSRAM GmbH SFH4580_12 Datasheet HTML 2Page - OSRAM GmbH SFH4580_12 Datasheet HTML 3Page - OSRAM GmbH SFH4580_12 Datasheet HTML 4Page - OSRAM GmbH SFH4580_12 Datasheet HTML 5Page - OSRAM GmbH SFH4580_12 Datasheet HTML 6Page - OSRAM GmbH SFH4580_12 Datasheet HTML 7Page - OSRAM GmbH SFH4580_12 Datasheet HTML 8Page - OSRAM GmbH SFH4580_12 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2009-08-21
4
SFH 4580, SFH 4585
Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel
Ω = 0.01 sr
Radiant Intensity I
e in Axial Direction
at a solid angle of
Ω = 0.01 sr
Bezeichnung
Parameter
Symbol
Wert
Value
Einheit
Unit
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
Ie min
Ie typ
25
55
mW/sr
mW/sr
Strahlstärke
Radiant intensity
I
F = 1 A, tp = 100 μs
Ie typ
500
mW/sr


Similar Part No. - SFH4580_12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
   GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
More results

Similar Description - SFH4580_12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
   GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
   GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH-4580 OSRAM-SFH-4580 Datasheet
84Kb / 7P
   GaAlAs-IR-Lumineszenzdioden
SFH-484 OSRAM-SFH-484 Datasheet
81Kb / 8P
   GaAlAs-IR-Lumineszenzdioden
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
   IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH-4283 OSRAM-SFH-4283 Datasheet
136Kb / 9P
   GaAlAs-IR-Lumineszenzdiode in SMT-Geh채use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com