Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1315P Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA1315P
Description  8-bit D/A Converter Supporting with I2C Bus
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1315P Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1315P Datasheet HTML 3Page - Sony Corporation CXA1315P Datasheet HTML 4Page - Sony Corporation CXA1315P Datasheet HTML 5Page - Sony Corporation CXA1315P Datasheet HTML 6Page - Sony Corporation CXA1315P Datasheet HTML 7Page - Sony Corporation CXA1315P Datasheet HTML 8Page - Sony Corporation CXA1315P Datasheet HTML 9Page - Sony Corporation CXA1315P Datasheet HTML 10Page - Sony Corporation CXA1315P Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
– 7 –
CXA1315M/P
<Registers> In brackets ( ) number of bits
REF
(1) : Switches D/A converter reference voltage
0:
Standardizes the inner regulator
1:
Standardizes voltage resistance divided from Vcc
SW0 to 3
(1) : Selects ON/OFF of Pins 1, 2, 9 and 10
(Each pin is the open collector output of NPN transistor)
0:
OFF
1:
ON
DAC0 to 4
(8) : Digital data input register of D/A converter
0:
Output voltage turns to minimum
255: Output voItage turns to maximum
PONRES
(1) : Detects POWER ON RESET
0:
Master passes from the bus and is reset to "0" after having read this status
1:
Sets to "1" when power supply is turned on or when there has been a power dip
ST0 to 3
(1) : Detects and registers the voltage condition of Pins 1, 2, 9 and 10
0:
1.5V and below
1:
3.0V and above
Note) SW0 to 3 effective during "0"
I2C Bus Signal
There are 2 signals in I2C bus. SDA (Serial Data) and SCL (Serial Clock).
SDA is double-way.
• As SDA is bidirectional it has 3 state outputs, H, L and Hi-Z.
• I2C transfer begins with Start Condition and ends with Stop Condition.
SDA
SCL
Start Condition S
Stop Condition P
H
L
Hi-Z
L


Similar Part No. - CXA1315P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1310 CREE-CXA1310 Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427F CREE-CXA1310-0000-000F00H427F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00H427H CREE-CXA1310-0000-000F00H427H Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227F CREE-CXA1310-0000-000F00J227F Datasheet
1Mb / 19P
   XLamp
CXA1310-0000-000F00J227H CREE-CXA1310-0000-000F00J227H Datasheet
1Mb / 19P
   XLamp
More results

Similar Description - CXA1315P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1875AP SONY-CXA1875AP Datasheet
171Kb / 10P
   8-bit D/A Converter Compatible with I2C Bus
logo
Mitsubishi Electric Sem...
M62334P MITSUBISHI-M62334P Datasheet
33Kb / 6P
   8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62333P RENESAS-M62333P Datasheet
128Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com