Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4740 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4740
Description  OSRAM OSTAR Observation (850nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4740 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4740 Datasheet HTML 1Page - OSRAM GmbH SFH4740 Datasheet HTML 2Page - OSRAM GmbH SFH4740 Datasheet HTML 3Page - OSRAM GmbH SFH4740 Datasheet HTML 4Page - OSRAM GmbH SFH4740 Datasheet HTML 5Page - OSRAM GmbH SFH4740 Datasheet HTML 6Page - OSRAM GmbH SFH4740 Datasheet HTML 7Page - OSRAM GmbH SFH4740 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2010-12-15
6
SFH 4730, SFH 4740
SMD NTC Thermistor mit Nickel Barrier Termination, Typ 0603
SMD NTC Thermistor with Nickel Barrier Termination, Type 0603
No. of R/T
characteristics
R
25
[
Ω]
B
25/50
[K]
B
25/85
[K]
B
25/100
[K]
EPCOS 8502 / A01
10k ± 5%
3940
3980
4000
-60
˚C
T
R
Ω
OHL02893
NTC
-20
20
60
100
160
2
10
10
3
5
5
4
10
10
5
5
6
10
Typische Thermistor Kennlinie
Typical Thermistor Graph
(www.epcos.com)


Similar Part No. - SFH4740

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4740 OSRAM-SFH4740 Datasheet
273Kb / 7P
   Ostar Observation
More results

Similar Description - SFH4740

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
   OSRAM OSTAR Observation (850nm)
SFH4730 OSRAM-SFH4730 Datasheet
273Kb / 7P
   Ostar Observation
SFH-4730 OSRAM-SFH-4730 Datasheet
229Kb / 7P
   Ostar Observation
LERTDUWS2W OSRAM-LERTDUWS2W Datasheet
983Kb / 23P
   OSRAM OSTAR Stage
LERTDCYS2WN OSRAM-LERTDCYS2WN_18 Datasheet
2Mb / 25P
   OSRAM OSTAR Stage
LERTDUWS2WP OSRAM-LERTDUWS2WP Datasheet
1Mb / 24P
   OSRAM OSTAR Stage
SFH4750 OSRAM-SFH4750 Datasheet
161Kb / 8P
   OSRAM OSTAR - Lighting IR 6-fold with Optics (850nm)
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
   OSRAM OSTAR Medical
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
   OSRAM OSTAR Stage
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
   OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com