Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702P5053 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q62702P5053
Description  GaAlAs-Lumineszenzdiode (660 nm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62702P5053 Datasheet(HTML) 6 Page - OSRAM GmbH

  Q62702P5053 Datasheet HTML 1Page - OSRAM GmbH Q62702P5053 Datasheet HTML 2Page - OSRAM GmbH Q62702P5053 Datasheet HTML 3Page - OSRAM GmbH Q62702P5053 Datasheet HTML 4Page - OSRAM GmbH Q62702P5053 Datasheet HTML 5Page - OSRAM GmbH Q62702P5053 Datasheet HTML 6Page - OSRAM GmbH Q62702P5053 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2007-12-07
6
SFH 4860
Lötbedingungen
Soldering Conditions
Wellenlöten (TTW)
(nach CECC 00802)
TTW Soldering
(acc. to CECC 00802)
Published by
OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
www.osram-os.com
© All Rights Reserved.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves


Similar Part No. - Q62702P5053

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62702P5072 OSRAM-Q62702P5072 Datasheet
143Kb / 8P
   GaAs-IR-Lumineszenzdiode (Mini Sidelooker)
More results

Similar Description - Q62702P5053

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH464 SIEMENS-SFH464 Datasheet
40Kb / 5P
   GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
SFH4860 SIEMENS-SFH4860 Datasheet
42Kb / 5P
   GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
OSRAM GmbH
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH464E7800 OSRAM-SFH464E7800 Datasheet
172Kb / 10P
   GaAlAs Light Emitting Diode (660 nm)
SFH460 OSRAM-SFH460 Datasheet
97Kb / 5P
   GaAlAs-Lumineszenzdiode
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH7222 OSRAM-SFH7222_12 Datasheet
167Kb / 11P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
logo
Siemens Semiconductor G...
SFH483 SIEMENS-SFH483 Datasheet
34Kb / 5P
   GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com