Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A2741 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # Q65110A2741
Description  GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A2741 Datasheet(HTML) 2 Page - OSRAM GmbH

  Q65110A2741 Datasheet HTML 1Page - OSRAM GmbH Q65110A2741 Datasheet HTML 2Page - OSRAM GmbH Q65110A2741 Datasheet HTML 3Page - OSRAM GmbH Q65110A2741 Datasheet HTML 4Page - OSRAM GmbH Q65110A2741 Datasheet HTML 5Page - OSRAM GmbH Q65110A2741 Datasheet HTML 6Page - OSRAM GmbH Q65110A2741 Datasheet HTML 7Page - OSRAM GmbH Q65110A2741 Datasheet HTML 8Page - OSRAM GmbH Q65110A2741 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2009-03-05
2
SFH 7221
Hinweis / Notes
Die angegebenen Grenzdaten gelten für einen Chip.
The stated maximum ratings refer to one chip.
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
IRED
Transistor
Betriebstemperatur
Operating temperature range
T
op
– 40 ... + 100 – 40 ... + 100 °C
Lagertemperatur
Storage temperature range
T
stg
– 40 ... + 100 – 40 ... + 100 °C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
+ 100
°C
Durchlassstrom (LED)
Forward current (LED)
I
F
100
mA
Kollektorstrom (Transistor)
Collector current (Transistor)
I
C
15
mA
Stoßstrom
Surge current
t ≤ 10 μs, D = 0.005
I
FM
2500
75
mA
Sperrspannung (LED)
Reverse voltage (LED)
V
R
5
V
Kollektor-Emitter Spannung
(Transistor)
Collector-emitter voltage
(Transistor)
V
CE
35
V
Verlustleistung
Total power dissipation
P
tot
180
165
mW
Wärmewiderstand Sperrschicht / Umgebung
Thermal resistance junction / ambient
Montage auf PC-Board
1) (Padgröße
≥ 16 mm2)
mounting on pcb
1) (pad size
≥ 16 mm2)
Sperrschicht / Lötstelle
junction / soldering joint
R
th JA
R
th JS
500
400
450
K/W
K/W
1)
PC-board: G30/FR4


Similar Part No. - Q65110A2741

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2742 OSRAM-Q65110A2742 Datasheet
167Kb / 11P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
More results

Similar Description - Q65110A2741

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH7222 OSRAM-SFH7222_12 Datasheet
167Kb / 11P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
   GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
Siemens Semiconductor G...
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
   IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com