Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH7222 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7222
Description  GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7222 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7222_12 Datasheet HTML 1Page - OSRAM GmbH SFH7222_12 Datasheet HTML 2Page - OSRAM GmbH SFH7222_12 Datasheet HTML 3Page - OSRAM GmbH SFH7222_12 Datasheet HTML 4Page - OSRAM GmbH SFH7222_12 Datasheet HTML 5Page - OSRAM GmbH SFH7222_12 Datasheet HTML 6Page - OSRAM GmbH SFH7222_12 Datasheet HTML 7Page - OSRAM GmbH SFH7222_12 Datasheet HTML 8Page - OSRAM GmbH SFH7222_12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SFH 7222
2007-04-02
5
IRED
Forward Current
I
F = f (VF)
T
A = 25 °C
Max. Permissible Forward Current
I
F = f (TA)
10
OHR00881
F
V
-3
-2
10
-1
10
0
10
1
10
01
2
3
4
5
6
V
8
A
Ι
F
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
R
thjA = 450 K/W
Rel Luminous Intensity
IV / IV(10 mA) = f (IF)
T
A = 25 °C
Relative Spectral Emission
Irel = f (λ)
10
OHR00878
Ι e
F
Ι
-3
-2
10
-1
10
0
10
1
10
2
10
0
10
10
1
10
2
10
4
mA
e
Ι
(100mA)
3
10
0
750
Ι
rel
OHR00877
800
850
900
950 nm 1000
20
40
60
80
%
100
λ
Perm. Pulse Handling Capability
I
F = f (tp), Duty cycle D = parameter,
T
A = 25 °C
10
Ι
F
OHR00886
1
2
10
3
10
4
10
mA
-5
10
s
=
D
F
Ι
T
DC
0.005
=
D
p
t
T
t p
p
t
0.5
0.2
0.1
0.01
0.02
0.05
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2


Similar Part No. - SFH7222_12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7222 OSRAM-SFH7222 Datasheet
92Kb / 7P
   GaAlAs-Infrared-Emitter (880 nm) and green GaP-LED (565 nm)
More results

Similar Description - SFH7222_12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH7222 OSRAM-SFH7222 Datasheet
92Kb / 7P
   GaAlAs-Infrared-Emitter (880 nm) and green GaP-LED (565 nm)
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH-7222 OSRAM-SFH-7222 Datasheet
298Kb / 16P
   GaAlAs Infrared Emitter (880 nm) and green GaP-LED (565 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com