Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A2742 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # Q65110A2742
Description  GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A2742 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button Q65110A2742 Datasheet HTML 3Page - OSRAM GmbH Q65110A2742 Datasheet HTML 4Page - OSRAM GmbH Q65110A2742 Datasheet HTML 5Page - OSRAM GmbH Q65110A2742 Datasheet HTML 6Page - OSRAM GmbH Q65110A2742 Datasheet HTML 7Page - OSRAM GmbH Q65110A2742 Datasheet HTML 8Page - OSRAM GmbH Q65110A2742 Datasheet HTML 9Page - OSRAM GmbH Q65110A2742 Datasheet HTML 10Page - OSRAM GmbH Q65110A2742 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SFH 7222
2007-04-02
7
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Gehäuse / Package
weiß, klarer Verguss / white, clear resin
Anschlussbelegung
pin configuration
1: Kathode (cathode) 880nm
2: Anode (anode) 880nm
3: Kathode (cathode) 565nm
4: Anode (anode) 565nm
GEOY7023
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Package marking
0.1 (0.004) (typ.)
0.8 (0.031)
0.6 (0.024)
14
23


Similar Part No. - Q65110A2742

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2741 OSRAM-Q65110A2741 Datasheet
164Kb / 10P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
More results

Similar Description - Q65110A2742

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH7222 OSRAM-SFH7222 Datasheet
92Kb / 7P
   GaAlAs-Infrared-Emitter (880 nm) and green GaP-LED (565 nm)
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH-7222 OSRAM-SFH-7222 Datasheet
298Kb / 16P
   GaAlAs Infrared Emitter (880 nm) and green GaP-LED (565 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com