Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFCD0E820XR Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEFCD0E820XR
Description  Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCD0E820XR Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEFCD0E820XR Datasheet HTML 1Page - Panasonic Semiconductor EEFCD0E820XR Datasheet HTML 2Page - Panasonic Semiconductor EEFCD0E820XR Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SP-Cap/ Specialty Polymer Aluminum Capacitors (Conductive Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EE14 –
Cap.
Polarity bar (Positive)
W.V. code
Lot No.
PP
L
W1
+
-
Features
● Low ESR
● Excellent Noise-absorbent Characteristics
● RoHS directive compliant
Surface Mount Type
Series:
FD, CD, CX, UD, UE
Specifications
Series & Size Code
FD
CD
CX
UD
UE
Category Temp. Range
–40 °C to +105 °C
Rated W.V.Range
2 V.DC to 12.5 V.DC
2 V.DC to 16 V.DC
2 V.DC to 6.3 V.DC
2 V.DC to 8 V.DC
2 V.DC to 8 V.DC
Nominal Cap.Range
15 µF to 68 µF
2.2 µF to 220 µF
100 µF to 560 µF
68 µF to 470 µF
100 µF to 560 µF
Capacitance Tolerance
±20 %
DC Leakage Current
Reflow 240 °C : I
< 0.06 CV (µA) 2minutes (2 V.DC to 4 V.DC)
I
< 0.04 CV or 3 (µA) 2 minutes (6.3 V.DC to 16 V.DC) (Whichever is greater)
Reflow 260 °C : I
< 0.1 CV (µA) 2 minutes
tan
δ
< 0.06 (120 Hz/+20 °C)
<0.10 (120 Hz/+20 °C)
Surge VoltageRated Working Voltage
1.25 (15 °C to 35 °C)
Endurance
After applying rated working voltage for 1000 hours at 105 °C±2 °C, and then being stabilized at +20 °C,
capacitor shall meet the following limits.
Capacitance change ±10% of initial measured value
tan
δ
< Initial specified value
DC leakage current
< Initial specified value
Moisture resistance
After storing for 500 hours at 60 °C, 90 %
Capacitance change
of initial measurd
value
2, 2.5 V.DC
4 V.DC
6.3 V.DC
8 V.DC to 16 V.DC
+70, –20 %
+60, –20 %
+50, –20 %
+40, –20 %
tan
δ
< 200 % of initial specified value
DC leakage current
< Initial specified value
Dimensions in mm(not to scale)
Marking
(mm)
Series &
Size Code
L±0.2
W1±0.2 W2±0.1
H
P±0.3
FD
7.3
4.3
2.4
1.1±0.1
1.3
CD
7.3
4.3
2.4
1.8±0.1
1.3
CX
7.3
4.3
2.4
1.9±0.2
1.3
UD
7.3
4.3
2.4
2.8±0.2
1.3
UE
7.3
4.3
2.4
4.2±0.1
1.3
✽ Externals of figure are the reference.
Feb. 2012
01


Similar Part No. - EEFCD0E820XR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCD0E820XR PANASONIC-EEFCD0E820XR Datasheet
50Kb / 3P
   Specialty Polymer Aluminum Electrolytic Capacitor
EEFCD0E820XR PANASONIC-EEFCD0E820XR Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCD0E820XR PANASONIC-EEFCD0E820XR Datasheet
89Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
More results

Similar Description - EEFCD0E820XR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com