Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25V20 Datasheet(PDF) 9 Page - Ramtron International Corporation

Part # FM25V20
Description  2Mb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V20 Datasheet(HTML) 9 Page - Ramtron International Corporation

Back Button FM25V20 Datasheet HTML 5Page - Ramtron International Corporation FM25V20 Datasheet HTML 6Page - Ramtron International Corporation FM25V20 Datasheet HTML 7Page - Ramtron International Corporation FM25V20 Datasheet HTML 8Page - Ramtron International Corporation FM25V20 Datasheet HTML 9Page - Ramtron International Corporation FM25V20 Datasheet HTML 10Page - Ramtron International Corporation FM25V20 Datasheet HTML 11Page - Ramtron International Corporation FM25V20 Datasheet HTML 12Page - Ramtron International Corporation FM25V20 Datasheet HTML 13Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FM25V20 – 2Mb SPI F-RAM
Rev. 3.0
August 2012
Page 9 of 17
Sleep Mode
A
low
power
mode
called
Sleep
Mode
is
implemented on the FM25V20 device. The device
will enter this low power state when the SLEEP op-
code B9h is clocked-in and a rising edge of /S is
applied. Once in sleep mode, the C and D pins are
ignored and Q will be high-Z, but the device
continues to monitor the /S pin. On the next falling
edge of /S, the device will return to normal operation
within tREC (400 s max.). The Q pin remains in a hi-
Z state during the wakeup period. The device will not
necessarily respond to an opcode within the wakeup
period. To start the wakeup procedure, the controller
may send a “dummy” read, for example, and wait the
remaining tREC time.
Figure 12. Sleep Mode Entry
Device ID
The FM25V20 device can be interrogated for its manufacturer, product identification, and die revision. The RDID
op-code 9Fh allows the user to read the manufacturer ID and product ID, both of which are read-only bytes. The
JEDEC-assigned manufacturer ID places the Ramtron identifier in bank 7, therefore there are six bytes of the
continuation code 7Fh followed by the single byte C2h. There are two bytes of product ID, which includes a Family
code, a Density code, a Sub code, and Product Revision code.
Table 5. Manufacturer and Product ID
Bit
7
6
5
4
3
2
1
0
Hex
Manufacturer ID
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
0
1
1
1
1
1
1
1
7F
Continuation code
1
1
0
0
0
0
1
0
C2
JEDEC assigned Ramtron C2h in bank 7
Family
Density
Hex
Device ID (1
st Byte)
0
0
1
0
0
1
0
1
25h
Density: 03h=512K, 04h=1M, 05h=2M, 06h=4M
Sub
Rev.
Rsvd
Device ID (2
nd Byte)
0
0
0
0
0
0
0
0
00h
00h=FM25V20
Figure 13. Read Device ID
S
C
D
Q
Enter Sleep
Mode
S
C
D
Q
7Fh
7Fh
C2h
00h
Six bytes of continuation code 7Fh
9Fh
25h
1
6
. . . . . . .


Similar Part No. - FM25V20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25V20-DG CYPRESS-FM25V20-DG Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25V20-DGTR CYPRESS-FM25V20-DGTR Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25V20-G CYPRESS-FM25V20-G Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25V20-GTR CYPRESS-FM25V20-GTR Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
More results

Similar Description - FM25V20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com