Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFCD0J330R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFCD0J330R
Description  Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCD0J330R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFCD0J330R Datasheet HTML 1Page - Panasonic Semiconductor EEFCD0J330R Datasheet HTML 2Page - Panasonic Semiconductor EEFCD0J330R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SP-Cap/ Specialty Polymer Aluminum Capacitors (Conductive Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EE15 –
Standard Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please confirm EE25 in detail of the Mouting Specifications.
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(µF)
Case Size
Specification
Part number
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
ESR
2
✽3
Reflow condition : 240 °C
✽3
Reflow condition : 260 °C
[Proposal]
(m max.)
FD
268
7.3
4.3
1.1
2.0
28
EEFFD0D680R
3500
2.5
56
7.3
4.3
1.1
2.0
28
EEFFD0E560R
3500
4
39
7.3
4.3
1.1
2.0
28
EEFFD0G390R
3500
47
7.3
4.3
1.1
2.0
28
EEFFD0G470R
3500
6.3
33
7.3
4.3
1.1
2.0
28
EEFFD0J330R
3500
822
7.3
4.3
1.1
2.0
28
EEFFD0K220R
3500
12.5
15
7.3
4.3
1.1
1.4
40
EEFFD1B150R
3500
CD
2
100
7.3
4.3
1.8
2.5
18
EEFCD0D101R
EEFCD0D101ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0D101XR
EEFCD0D101XE
3500
120
7.3
4.3
1.8
2.5
18
EEFCD0D121R
EEFCD0D121ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0D121XR
EEFCD0D121XE
3500
150
7.3
4.3
1.8
2.5
18
EEFCD0D151R
EEFCD0D151ER
3500
180
7.3
4.3
1.8
2.5
18
EEFCD0D181R
EEFCD0D181ER
3500
220
7.3
4.3
1.8
2.5
18
EEFCD0D221R
EEFCD0D221ER
3500
2.5
82
7.3
4.3
1.8
2.5
18
EEFCD0E820R
EEFCD0E820ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0E820XR
EEFCD0E820XE
3500
100
7.3
4.3
1.8
2.5
18
EEFCD0E101R
EEFCD0E101ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0E101XR
EEFCD0E101XE
3500
120
7.3
4.3
1.8
2.5
18
EEFCD0E121R
EEFCD0E121ER
3500
150
7.3
4.3
1.8
2.5
18
EEFCD0E151R
EEFCD0E151ER
3500
4
56
7.3
4.3
1.8
2.5
18
EEFCD0G560R
EEFCD0G560ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G560XR
EEFCD0G560XE
3500
68
7.3
4.3
1.8
2.5
18
EEFCD0G680R
EEFCD0G680ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G680XR
EEFCD0G680XE
3500
82
7.3
4.3
1.8
2.5
18
EEFCD0G820R
EEFCD0G820ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0G820XR
EEFCD0G820XE
3500
100
7.3
4.3
1.8
2.5
18
EEFCD0G101R
EEFCD0G101ER
3500
6.3
10
7.3
4.3
1.8
1.4
55
EEFCD0J100R
EEFCD0J100ER
3500
22
7.3
4.3
1.8
1.6
40
EEFCD0J220R
EEFCD0J220ER
3500
33
7.3
4.3
1.8
2.0
28
EEFCD0J330R
EEFCD0J330ER
3500
47
7.3
4.3
1.8
2.5
18
EEFCD0J470R
EEFCD0J470ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0J470XR
EEFCD0J470XE
3500
68
7.3
4.3
1.8
2.5
18
EEFCD0J680R
EEFCD0J680ER
3500
7.3
4.3
1.8
2.7
15
EEFCD0J680XR
EEFCD0J680XE
3500
8
8.2
7.3
4.3
1.8
1.4
55
EEFCD0K8R2R
EEFCD0K8R2ER
3500
15
7.3
4.3
1.8
1.6
40
EEFCD0K150R
EEFCD0K150ER
3500
22
7.3
4.3
1.8
2.0
28
EEFCD0K220R
EEFCD0K220ER
3500
33
7.3
4.3
1.8
2.5
18
EEFCD0K330R
EEFCD0K330ER
3500
47
7.3
4.3
1.8
1.8
25
EEFCD0K470R
EEFCD0K470ER
3500
10
22
7.3
4.3
1.8
1.6
30
EEFCD1A220ER
3500
33
7.3
4.3
1.8
1.8
25
EEFCD1A330ER
3500
39
7.3
4.3
1.8
1.8
25
EEFCD1A390ER
3500
12.5
4.7
7.3
4.3
1.8
1.0
80
EEFCD1B4R7R
3500
10
7.3
4.3
1.8
1.0
60
EEFCD1B100R
3500
15
7.3
4.3
1.8
1.3
50
EEFCD1B150R
3500
22
7.3
4.3
1.8
1.6
30
EEFCD1B220R
3500
16
2.2
7.3
4.3
1.8
1.0
110
EEFCD1C2R2R
3500
4.7
7.3
4.3
1.8
1.0
80
EEFCD1C4R7R
3500
6.8
7.3
4.3
1.8
1.0
70
EEFCD1C6R8R
3500
8.2
7.3
4.3
1.8
1.3
45
EEFCD1C8R2R
3500
CX
2
220
7.3
4.3
1.9
2.7
15
EEFCX0D221R
3500
270
7.3
4.3
1.9
3.0
12
EEFCX0D271XR
3500
330
7.3
4.3
1.9
2.7
15
EEFCX0D331R
3500
7.3
4.3
1.9
3.0
12
EEFCX0D331XR
3500
390
7.3
4.3
1.9
2.7
15
EEFCX0D391R
3500
470
7.3
4.3
1.9
2.7
15
EEFCX0D471R
3500
560
7.3
4.3
1.9
2.7
15
EEFCX0D561R
3500
2.5
220
7.3
4.3
1.9
2.7
15
EEFCX0E221R
3500
330
7.3
4.3
1.9
2.7
15
EEFCX0E331R
3500
390
7.3
4.3
1.9
2.7
15
EEFCX0E391R
3500
470
7.3
4.3
1.9
2.7
15
EEFCX0E471R
3500
4
150
7.3
4.3
1.9
2.7
15
EEFCX0G151R
3500
180
7.3
4.3
1.9
2.7
15
EEFCX0G181R
3500
7.3
4.3
1.9
3.0
12
EEFCX0G181XR
3500
220
7.3
4.3
1.9
2.7
15
EEFCX0G221R
3500
7.3
4.3
1.9
3.0
12
EEFCX0G221XR
3500
270
7.3
4.3
1.9
2.7
15
EEFCX0G271R
3500
6.3
100
7.3
4.3
1.9
2.7
15
EEFCX0J101R
3500
120
7.3
4.3
1.9
2.7
15
EEFCX0J121R
3500
150
7.3
4.3
1.9
2.7
15
EEFCX0J151R
3500
7.3
4.3
1.9
3.0
12
EEFCX0J151XR
3500
180
7.3
4.3
1.9
2.7
15
EEFCX0J181R
3500
Feb. 2012
03


Similar Part No. - EEFCD0J330R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCD0J330R PANASONIC-EEFCD0J330R Datasheet
50Kb / 3P
   Specialty Polymer Aluminum Electrolytic Capacitor
EEFCD0J330R PANASONIC-EEFCD0J330R Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCD0J330R PANASONIC-EEFCD0J330R Datasheet
89Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
More results

Similar Description - EEFCD0J330R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
   Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
   Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
   Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
   Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
   Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
   Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
   Surface Mount Type
EEVMC0G330R PANASONIC-EEVMC0G330R Datasheet
56Kb / 2P
   Surface Mount Type
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
   Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
   Surface Mount Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com