Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD545PT Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC320AD545PT
Description  Single Channel Data/Fax Codec
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD545PT Datasheet(HTML) 4 Page - Texas Instruments

  TLC320AD545PT Datasheet HTML 1Page - Texas Instruments TLC320AD545PT Datasheet HTML 2Page - Texas Instruments TLC320AD545PT Datasheet HTML 3Page - Texas Instruments TLC320AD545PT Datasheet HTML 4Page - Texas Instruments TLC320AD545PT Datasheet HTML 5Page - Texas Instruments TLC320AD545PT Datasheet HTML 6Page - Texas Instruments TLC320AD545PT Datasheet HTML 7Page - Texas Instruments TLC320AD545PT Datasheet HTML 8Page - Texas Instruments TLC320AD545PT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
iv
5.3.1
Digital Inputs and Outputs, fs = 8 kHz,
Outputs Not Loaded
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.2
ADC Channel, fs = 8 kHz
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.3
ADC Dynamic Performance, fs = 8 kHz
5–2
. . . . . . . . . . . . . . . .
5.3.3.1
ADC Signal-to-Noise
5–2
. . . . . . . . . . . . . . . . . . . . .
5.3.3.2
ADC Signal-to-Distortion
5–2
. . . . . . . . . . . . . . . . . .
5.3.3.3
ADC Signal-to-Distortion + Noise
5–3
. . . . . . . . . .
5.3.4
ADC Characteristics
5–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.5
DAC Channel, fs = 8 kHz
5–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.6
DAC Dynamic Performance
5–3
. . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.6.1
DAC Signal-to-Noise
5–3
. . . . . . . . . . . . . . . . . . . . .
5.3.6.2
DAC Signal-to-Distortion
5–3
. . . . . . . . . . . . . . . . . .
5.3.6.3
DAC Signal-to-Distortion + Noise
5–4
. . . . . . . . . .
5.3.7
DAC Characteristics
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.8
Logic DC Electrical Characteristics
5–4
. . . . . . . . . . . . . . . . . . . .
5.3.9
Power-Supply Rejection
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.10
Power-Supply
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3.11
Flash Write Enable Circuit
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
Timing Characteristics
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.1
Timing Requirements
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4.2
Switching Characteristics
5–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.5
Parameter Measurement Information
5–6
. . . . . . . . . . . . . . . . . . . . . . . . . .
6
Application Information
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix A – Programmable Register Set
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TLC320AD545PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD545PT TI-TLC320AD545PT Datasheet
174Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
More results

Similar Description - TLC320AD545PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AD543 TI-TLV320AD543 Datasheet
181Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
TLC320A545C-I TI-TLC320A545C-I Datasheet
174Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
TLV320AD543 TI1-TLV320AD543_08 Datasheet
183Kb / 34P
[Old version datasheet]   Single Channel Data/Fax Codec
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
logo
OKI electronic componet...
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
   A Single Chip 14.4 kbps Data & Fax Modem
logo
Molex Electronics Ltd.
79529-5002 MOLEX-79529-5002 Datasheet
332Kb / 2P
   TelEnable짰 FDM (Fax/Data Module)
79524-5000 MOLEX-79524-5000 Datasheet
487Kb / 2P
   TelEnable??FDC Fax / Data Card
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
TLC320AD535C-I TI1-TLC320AD535C-I_16 Datasheet
203Kb / 42P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
   PSI-DATA/FAX-MODEM/RS232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com