Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1386K Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA1386K
Description  8-bit 75MSPS Flash A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1386K Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1386K Datasheet HTML 7Page - Sony Corporation CXA1386K Datasheet HTML 8Page - Sony Corporation CXA1386K Datasheet HTML 9Page - Sony Corporation CXA1386K Datasheet HTML 10Page - Sony Corporation CXA1386K Datasheet HTML 11Page - Sony Corporation CXA1386K Datasheet HTML 12Page - Sony Corporation CXA1386K Datasheet HTML 13Page - Sony Corporation CXA1386K Datasheet HTML 14Page - Sony Corporation CXA1386K Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
– 11 –
CXA1386P/K
8bit 75MSPS ADC and DAC Evaluation Board
It is necessary to equip "the CXA1396D/P EVALUATION BOARD WITH DAC" with "A1396D – A1386P
ADAPTER" in order to evaluate CXA1386P.
In addition to indispensable features such as the reference voltage generator, this tool equips two sets of
analog inputs (the direct input and the buffer amplifier input), the input voltage offset generator, the clock
decimator, the output data latches, the 10-bit high-speed DAC, and the 20-pin cable connector for digital
outputs. This evaluation board provides full performance of the CXA1386P and it is designed to facilitate
evaluation.
Features
Resolution: 8bits
Maximum conversion rate: 75MSPS
Supply voltage: +5.0V, –5.2V, –2.0V
Two analog inputs (Direct input, buffer amplifier input)
Clock level converter: Sine wave to ECL level signal
Reference voltage adjustment circuit for the A/D converter
Built-in clock frequency decimation circuit: (1/1 to 1/16)
Fig. 1. Block Diagram
BUFFER
DATA
LATCH
LINV MINV
VRB
VRM
Vin
CLK
CXA1386P
Vin
OFFSET
DECIMATOR
D/A
CONVERTER
VRB
–2V
SW3
CLK
SW1
SW2
L
H
–5.2V (A)
–5.2V (A)
VR2
(2k)
VR1
(2k)
AMP.IN
DIR.IN
CLK
240
51
51
0.1µ
J1
A
B
C
D
VR3
(1k)
1k
8
8
8
(D7 to D0)
DIGITAL OUT
(CONNECTOR)
8
(D7 to D0)
2 (CLK.CLK)
CLK
D/A OUT
1/1 to 1/16
X (–2)
–5.2V (D)
DGND
–2V (D)
–5.2V (A)
AGND
+5V


Similar Part No. - CXA1386K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1389AQ SONY-CXA1389AQ Datasheet
339Kb / 8P
   Cable Driver for Digital Transfer
More results

Similar Description - CXA1386K

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com