Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC876CDW Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC876CDW
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC876CDW Datasheet HTML 4Page - Texas Instruments TLC876CDW Datasheet HTML 5Page - Texas Instruments TLC876CDW Datasheet HTML 6Page - Texas Instruments TLC876CDW Datasheet HTML 7Page - Texas Instruments TLC876CDW Datasheet HTML 8Page - Texas Instruments TLC876CDW Datasheet HTML 9Page - Texas Instruments TLC876CDW Datasheet HTML 10Page - Texas Instruments TLC876CDW Datasheet HTML 11Page - Texas Instruments TLC876CDW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at AVDD = DVDD = 5 V, DRVDD = 3.3 V, VI(REFT) = 3.6 V, VI(REFB) = 1.6 V,
fCLK = 20 MSPS (unless otherwise noted)
timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fconv
Maximum conversion rate (see Note 2)
20
MHz
td(o)
Delay time, output
CL = 20 pF
5
20
ns
td(pipe)
Delay time, pipeline, latency
3.5
Clock
cycles
td(A)
Delay time, aperture
4
ns
Aperture jitter
22
ps
tdis(DD)
Disable time, OE
↑ to Hi-Z
CL =20 pF
5
15
ns
ten(HL)
Enable time, OE
↓ to valid data
CL = 20 pF
5
15
ns
NOTE 2: The conversion rate can be a minimum of 10 kHz without degradation in specified performance.
PARAMETER MEASUREMENT INFORMATION
D0 – D9
Data N–4
Data N–3
Data N–2
Data N–1
Data N
tc
tw(CLKH)
tw(CLKL)
Sample N
Sample N+1
Sample N+2
AIN
CLK
td(o)
td(pipe)
td(A)
td(o)
Figure 1. Timing Diagram
tdis(DD)
ten(HL)
High Impedance
Active
OE
D0–D9
Figure 2. Output Enable to Data Output Timing Diagram
STBY
CLK
Output Data Valid
Figure 3. Standby Timing


Similar Part No. - TLC876CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC876CDW TI-TLC876CDW Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876CDW TI-TLC876CDW Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876CDWR TI-TLC876CDWR Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC876CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
logo
Cadeka Microcircuits LL...
SPT7851 CADEKA-SPT7851 Datasheet
225Kb / 9P
   10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Analog Devices
AD5582 AD-AD5582_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
logo
Texas Instruments
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Analog Devices
AD5583 AD-AD5583_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com