Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC876CDW Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC876CDW
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CDW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC876CDW Datasheet HTML 5Page - Texas Instruments TLC876CDW Datasheet HTML 6Page - Texas Instruments TLC876CDW Datasheet HTML 7Page - Texas Instruments TLC876CDW Datasheet HTML 8Page - Texas Instruments TLC876CDW Datasheet HTML 9Page - Texas Instruments TLC876CDW Datasheet HTML 10Page - Texas Instruments TLC876CDW Datasheet HTML 11Page - Texas Instruments TLC876CDW Datasheet HTML 12Page - Texas Instruments TLC876CDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
–2
–4
–6
–10
2
–8
1
10
100
1000
0
f – Input Frequency – MHz
GAIN
vs
INPUT FREQUENCY
Figure 5
50
40
45
55
f – Input Frequency – MHz
SIGNAL-TO-NOISE AND DISTORTION
vs
INPUT FREQUENCY
110
fCLK = 20 MSPS
AIN = – 0.5 dB
Figure 6
110
f – Input Frequency – MHz
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
–10
–30
–50
–70
–90
THD
2 nd
3 rd
Figure 7
45
40
5
101520
50
55
60
SIGNAL-TO-NOISE AND DISTORTION
vs
CLOCK FREQUENCY
f – Clock Frequency – MHz
fIN = 3.58 MHz
AIN = – 0.5 dB


Similar Part No. - TLC876CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC876CDW TI-TLC876CDW Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876CDW TI-TLC876CDW Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876CDWR TI-TLC876CDWR Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC876CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
logo
Cadeka Microcircuits LL...
SPT7851 CADEKA-SPT7851 Datasheet
225Kb / 9P
   10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Analog Devices
AD5582 AD-AD5582_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
logo
Texas Instruments
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Analog Devices
AD5583 AD-AD5583_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com