Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F384-GQ Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F384-GQ
Description  Full Speed USB Flash MCU Family
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F384-GQ Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F384-GQ Datasheet HTML 1Page - Silicon Laboratories C8051F384-GQ Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB
Copyright © 2011 by Silicon Laboratories
03.30.11
Analog Peripherals
10-bit
500ksps
ADC
A
M
U
X
Temp
Sensor
2 Comparators
+
-
VREF
VDD
CP0
VDD
+
-
CP1
VREF
Debug / Programming
Hardware
Port 0
Drivers
P0.0
AIN0 - AIN19
Port I/O Configuration
Digital Peripherals
Priority
Crossbar
Decoder
Crossbar Control
Power-On
Reset
Power
Net
UART0
Timers 0, 1,
2, 3, 4, 5
PCA/WDT
SMBus1
UART1
SPI
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6/XTAL1
P0.7/XTAL2
Port 1
Drivers
Port 2
Drivers
Port 3
Drivers
Port 4
Drivers
P1.0
P1.1
P1.2
P1.3
P1.4/CNVSTR
P1.5/VREF
P1.6
P1.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
Supply
Monitor
System Clock Setup
External Oscillator
Internal Oscillator
XTAL1
XTAL2
Low Freq.
Oscillator
Clock
Recovery
USB Peripheral
Controller
1k Byte
RAM
Full / Low
Speed
Transceiver
External Memory
Interface
Control
Address
Data
P1
P2 / P3
P4
SFR
Bus
Voltage
Regulators
D+
D-
VBUS
VDD
VREG
GND
C2CK/RST
Reset
C2D
CIP-51 8051
Controller Core
64/32k Byte ISP FLASH
Program Memory
256 Byte RAM
4/2k Byte XRAM
SMBus0
C8051F38x
Full Speed USB Flash MCU Family
Analog Peripherals
10-Bit ADC (C8051F380/1/2/3 only)
- Up to 500 ksps
- Built-in analog multiplexer with single-ended and differential mode
- VREF from external pin, internal reference, or V
DD
- Built-in temperature sensor
- External conversion start input option
Two Comparators
Internal Voltage Reference (C8051F380/1/2/3 Only)
Brown-Out Detector and POR Circuitry
USB Function Controller
- USB specification 2.0 compliant
- Full-speed (12 Mbps) or low-speed (1.5 Mbps) operation
- Integrated clock recovery; no external crystal required for full-speed or
low-speed
- Supports eight flexible endpoints
- 1 kB USB buffer memory
- Integrated transceiver; no external resistors required
On-Chip Debug
- On-chip debug circuitry facilitates full-speed, non-intrusive, in-system
debug (no emulator required)
- Provides breakpoints, single stepping, inspect/modify memory, and reg-
isters
- Superior performance to emulation systems using ICE-chips, target
pods, and sockets
Supply Voltage: 1.8 to 3.6 V
- Voltages from 2.7 to 5.25 V supported using on-chip voltage regulators
Temperature Range: –40 to +85 °C
High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2
system clocks
- Up to 48 MIPS operation
- Expanded interrupt handler
Memory
- 4352 or 2304 Bytes RAM
- 64 or 32 kB Flash; In-system programmable in 512-byte sectors
Digital Peripherals
- 40/25 Port I/O; All 5 V tolerant with high sink current
- Hardware enhanced SPI™, two I²C/SMBus™, and two enhanced UART
serial ports
- Six general purpose 16-bit counter/timers
- 16-bit programmable counter array (PCA) with five capture/compare
modules
- External Memory Interface (EMIF)
- Clock Sources
Clock Sources
- Internal Oscillator: ±0.25% accuracy with clock recovery enabled. Sup-
ports all USB and UART modes
- External Oscillator: Crystal, RC, C, or clock (1 or 2 Pin modes)
- Low Frequency (80 kHz) Internal Oscillator
- Can switch between clock sources on-the-fly
Package
- 48-pin TQFP (C8051F380/2/4/6)
- 32-pin LQFP (C8051F381/3/5)
- 5x5 mm 32-pin QFN (C8051F381/3/5)


Similar Part No. - C8051F384-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F384-GQ SILABS-C8051F384-GQ Datasheet
182Kb / 2P
   C8051F38x Datasheet Revision 1.2
C8051F384-GQ SILABS-C8051F384-GQ Datasheet
84Kb / 1P
   Version 1.3 of the C8051F380/1/2/3/4/5/6/7 datasheet is now available
More results

Similar Description - C8051F384-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
   Full Speed USB, 16k ISP FLASH MCU Family
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
   Full Speed USB, 16 kB Flash MCU Family
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
   Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F326 SILABS-C8051F326_08 Datasheet
1Mb / 141P
   Full Speed USB, 16 kB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_09 Datasheet
1Mb / 251P
   Full Speed USB, 16 k ISP FLASH MCU Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com