Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F343 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # C8051F343
Description  USB DRIVER CUSTOMIZATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F343 Datasheet(HTML) 5 Page - Silicon Laboratories

  C8051F343 Datasheet HTML 1Page - Silicon Laboratories C8051F343 Datasheet HTML 2Page - Silicon Laboratories C8051F343 Datasheet HTML 3Page - Silicon Laboratories C8051F343 Datasheet HTML 4Page - Silicon Laboratories C8051F343 Datasheet HTML 5Page - Silicon Laboratories C8051F343 Datasheet HTML 6Page - Silicon Laboratories C8051F343 Datasheet HTML 7Page - Silicon Laboratories C8051F343 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AN220
5
Rev. 0.6
4.6. Device Options
The next step in the customization utility (shown in
Figure 9) is to configure the serial enumeration and
selective suspend options.
4.6.1. Serial Enumeration Support
This allows Windows to “enumerate” a device(s), such
as serial mice or an external modem, connected to the
CP210x . If your device always presents data to the PC
(such as a GPS device), then disable this to prevent
false serial enumerations.
4.6.2. Selective Suspend Support
Enabling this feature will put the device to sleep if it has
not been opened for a time longer than the specified
Timeout Value. This is used to save power on the PC
and is recommended unless your CP210x needs to be
powered if a handle to the device is not opened.
Figure 9. Device Options
4.7. Installation Options
Specific options for the GUI should now be specified.
4.7.1. Display GUI Window during Install
Check this option when using the generated Installer as
a stand-alone application. The Installer will display
several GUI windows during the installation process.
Uncheck this option to run the Installer in Quiet Mode.
When running in Quiet Mode, no GUI will be displayed.
This is useful when using another application to launch
this Installer.
4.7.2. Copy Files to Target Directory during Install:
Check this option if a copy of the drivers will be needed
on the hard drive. This is useful when installing the
drivers from a CD. Uncheck this option if copies of the
driver files are not needed on the hard drive.
4.7.3. Target Directory
Selects the hard drive location that will contain a copy of
the driver files. The default location is C:\Program
Files\Silabs\MCU\CP210x for the VCP Driver and
C:\ProgramFiles\Silabs\MCU\USBXpress
for
the
USBXpress driver. If the “Display GUI window during
Installation” option is selected, this path can be changed
during installation by clicking the Browse button.
However, if the “Display GUI window during Installation”
option is not selected, then the default directory is
always used unless a directory is specified through the
command line. This option is ignored if the “Copy Files
to Directory during Setup” option is not selected.
Note: The Target Directory must be different for each
product released.
4.7.4. Display GUI Window during Uninstall
Check this option when using the generated Uninstaller
as a stand-alone application. The Uninstaller will display
several GUI windows during the uninstall process.
Uncheck this option if the Uninstaller will be launched by
another application. The Uninstaller then runs in Quiet
Mode. When running in Quiet Mode, no GUI will be
displayed.
4.7.5. Remove Files from Target Directory during
Uninstall
Check this option if the files copied to the Target
directory should be removed upon uninstallation. This
option is ignored if the “Copy Files to Directory during
Setup” option is not selected.


Similar Part No. - C8051F343

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F343 ETC1-C8051F343 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F343 SILABS-C8051F343 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051F343 SILABS-C8051F343 Datasheet
1Mb / 276P
   On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
C8051F343-GM SILABS-C8051F343-GM Datasheet
1Mb / 276P
   On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
logo
List of Unclassifed Man...
C8051F343-GQ ETC1-C8051F343-GQ Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
More results

Similar Description - C8051F343

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAE1575R2540BBDB1-T ABRACON-APAE1575R2540BBDB1-T Datasheet
2Mb / 3P
   Customization Available
11.14.13
APAE1621R2540ABDD1-T ABRACON-APAE1621R2540ABDD1-T Datasheet
2Mb / 3P
   Customization Available
12.10.15
APAE2338L2540DDDB1-T ABRACON-APAE2338L2540DDDB1-T Datasheet
2Mb / 3P
   Customization Available
07.20.2016
logo
Silicon Laboratories
AN144 SILABS-AN144 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
AN721 SILABS-AN721 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
AN335 SILABS-AN335 Datasheet
104Kb / 12P
   USB DRIVER INSTALLATION METHODS
logo
List of Unclassifed Man...
EPC-6200 ETC2-EPC-6200 Datasheet
468Kb / 1P
   ETX CPU Module for Scalable and Time-efficient Customization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
   1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
   3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
   3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com