Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1396D Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1396D
Description  8-bit 125 MSPS Flash A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1396D Datasheet(HTML) 5 Page - Sony Corporation

  CXA1396D Datasheet HTML 1Page - Sony Corporation CXA1396D Datasheet HTML 2Page - Sony Corporation CXA1396D Datasheet HTML 3Page - Sony Corporation CXA1396D Datasheet HTML 4Page - Sony Corporation CXA1396D Datasheet HTML 5Page - Sony Corporation CXA1396D Datasheet HTML 6Page - Sony Corporation CXA1396D Datasheet HTML 7Page - Sony Corporation CXA1396D Datasheet HTML 8Page - Sony Corporation CXA1396D Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
CXA1396D
LSB of data outputs.
External pull-down resistor is
required.
Data outputs.
External pull-down resistors
are required.
MSB of data outputs.
External pull-down resistor is
required.
Input pin for D0 (LSB) to D6
output polarity inversion (see
output code table).
With open connection, kept at
"L" level.
Input pin for D7(MSB) output
polarity inversion (see output
code table).
With open connection, kept at
"L" level.
Analog input pins.
These two pins must be
connected externally, since
they are not internally
connected.
See Application Note for
precautions.
7
14
3
18
30, 34
VIN
I
VRT
to
VRB
MINV
I
ECL
LINV
I
ECL
D7
8
9
10
11
12
13
D1
D2
D3
D4
D5
D6
D0
O
ECL
Pin No. Symbol
I/O
Standard
voltage
level
Equivalent circuit
Description
DGND2
DVEE
Di
r
r
r
r
LINV
or
MINV
DGND1
DVEE
–1.3V
AGND
AVEE
VIN
VIN


Similar Part No. - CXA1396D

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1390AQ SONY-CXA1390AQ Datasheet
502Kb / 17P
   S/H and AGC for CCD Camera
CXA1390AR SONY-CXA1390AR Datasheet
502Kb / 17P
   S/H and AGC for CCD Camera
CXA1391Q SONY-CXA1391Q Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXA1391R SONY-CXA1391R Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXA1398M SONY-CXA1398M Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
More results

Similar Description - CXA1396D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1396 INTERSIL-HI1396 Datasheet
86Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
HI1396 INTERSIL-HI1396_00 Datasheet
674Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com