Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK0603HS150-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # BK0603HS150-T
Description  MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

BK0603HS150-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  BK0603HS150-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc BK0603HS150-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc BK0603HS150-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc BK0603HS150-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc BK0603HS150-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc BK0603HS150-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc BK0603HS150-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc BK0603HS150-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc BK0603HS150-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
126
12
mlci07_e-01
FEATURES
ORDERING CODE
EXTERNAL DIMENSIONS/STANDARD QUANTITY
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Internal code
Standard Products
△=Blank Space
External Dimensions
(L×W)〔mm〕
0402(01005) 0.4×0.2
0603(0201) 0.6×0.3
1005(0402) 1.0×0.5
1608(0603) 1.6×0.8
2125(0805) 2.0×1.25
Impedance〔Ω〕
example
150
15
101
100
102
1000
Characteristics
Standard Products
Type
BK
Multilayer Chip
Bead Inductor
BKH
Multilayer Chip
Bead Inductor
B
K
1
6
0
8
H
S
1
2
1
- T ○
Packaging
T
Tape & Reel
Material
HW
Refer to impedance
curves for material
differences
HS
HR
HM
LM
LL
TS
Internal silver printed layer creates a closed circuit which acts as a
magnetic shield minimizing heat generation and crosstalk.
No need for grounding provides greater circuit design flexibility.
Several material types and a broad range of impedance values pro-
vide noise countermeasures for various applications.
HS :With low R-XL cross point frequency characteristics and large
resistance part working as damping function, suppresses un-
necessary resonance and keeps signal integrity.
HW:With a lower R-XL cross point frequency characteristics than
those of HS, strongly suppresses unnecessary resonance.
TS :Low DC resistance HS version. For power supply lines .
HM:Resistance part rising exceeding from 20MHz. For general us-
age, especially effective for video signal lines.
HR:Resistance part rising exceeding from 10MHz. For general us-
age, Wider effective range than that of HM.
LM:With larger impedance set at around 200MHz considering for
noise regulation.
LL :Resistance part steeply rising exceeding from 100MHz. For high
speed signal line, good for clock line, sharply cutting noise off.
The small case size lineup with 01005 inch size.
High frequency noise countermeasure in personal computers, digital
cameras and other information system products. For use on digital
product clock lines and general signal lines.
Radiated noise suppression in computer or printer interfaces and har-
ness connectors.
Noise suppression in video and other AV products.
Prevents interference between circuits in cellular phones(PHS, PDC,
etc.)
Due to the closed internal circuit which acts as a magnetic shield, the
TS material is extremely effective as a noise filter on LSI power supply
lines where downsizing of components is needed.
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
REFLOW
WAVE*
Type
L
W
T
e
Standard Quantity[pcs]
Paper Tape
Embossed Tape
BK0402
(01005)
0.40±0.02
(0.016±0.001)
0.20±0.02
(0.008±0.001)
0.20±0.02
(0.008±0.001)
0.10+0.04
ー0.03
(0.004+0.002
ー0.001
20000
BK0603
(0201)
0.60±0.03
(0.024±0.001)
0.30±0.03
(0.012±0.001)
0.30±0.03
(0.012±0.001)
0.15±0.05
(0.006±0.002)
15000
BK1005
(0402)
1.00±0.05
(0.039±0.002)
0.50±0.05
(0.020±0.002)
0.50±0.05
(0.020±0.002)
0.25±0.10
(0.010±0.004)
10000
BKH1005
(0402)
1.00±0.05
(0.039±0.002)
0.50±0.05
(0.020±0.002)
0.50±0.05
(0.020±0.002)
0.25±0.10
(0.010±0.004)
10000
BK1608
(0603)
1.6±0.15
(0.063±0.006)
0.8±0.15
(0.031±0.006)
0.8±0.15
(0.031±0.006)
0.3±0.2
(0.012±0.008)
4000
BK2125
(0805)
2.0+0.3
ー0.1
(0.079+0.012
ー0.004
1.25±0.2
(0.049±0.008)
0.85±0.2
(0.033±0.008)
0.5±0.3
(0.020±0.012)
4000
1.25±0.2
(0.049±0.008)
2000
Unit:mm(inch)
*Except for BK0402, BK0603, BK1005, BKH1005
OPERATING TEMP.
-55~125℃


Similar Part No. - BK0603HS150-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK0603HS121-T TAIYO-YUDEN-BK0603HS121-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603HS121-T TAIYO-YUDEN-BK0603HS121-T Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors (BK series)
BK0603HS121-T TAIYO-YUDEN-BK0603HS121-T_V01 Datasheet
266Kb / 2P
   Multilayer Chip Bead Inductors (BK series)
More results

Similar Description - BK0603HS150-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK1005HS121-T TAIYO-YUDEN-BK1005HS121-T Datasheet
168Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK2125LM252-T TAIYO-YUDEN-BK2125LM252-T Datasheet
161Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HM601-T TAIYO-YUDEN-BK1608HM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1608HS470-T TAIYO-YUDEN-BK1608HS470-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603HM600-T TAIYO-YUDEN-BK0603HM600-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603LL100-T TAIYO-YUDEN-BK0603LL100-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM601-T TAIYO-YUDEN-BK0603TM601-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TM800-T TAIYO-YUDEN-BK0603TM800-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK0603TS121-T TAIYO-YUDEN-BK0603TS121-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
BK1005HM471-T TAIYO-YUDEN-BK1005HM471-T Datasheet
143Kb / 1P
   Multilayer Chip Bead Inductors (BK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com