Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2553-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2553-Q1
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2553-Q1 Datasheet HTML 1Page - Texas Instruments TLV2553-Q1 Datasheet HTML 2Page - Texas Instruments TLV2553-Q1 Datasheet HTML 3Page - Texas Instruments TLV2553-Q1 Datasheet HTML 4Page - Texas Instruments TLV2553-Q1 Datasheet HTML 5Page - Texas Instruments TLV2553-Q1 Datasheet HTML 6Page - Texas Instruments TLV2553-Q1 Datasheet HTML 7Page - Texas Instruments TLV2553-Q1 Datasheet HTML 8Page - Texas Instruments TLV2553-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ELECTRICAL CHARACTERISTICS
TLV2553-Q1
www.ti.com ..................................................................................................................................................................................................... SLAS579 – APRIL 2009
over recommended operating free-air temperature range, when VCC = 5 V: VREF+ = 5 V, I/O CLOCK frequency = 15 MHz,
when VCC = 2.7 V: VREF+ = 2.5 V, I/O CLOCK frequency = 10 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC = 4.5 V, IOH = –1.6 mA
2.4
VCC = 2.7 V, IOH = –0.2 mA
VOH
High-level output voltage
30 pF
V
VCC = 4.5 V, IOH = –20 µA
VCC – 0.1
VCC = 2.7 V, IOH = –20 µA
VCC = 4.5 V, IOL = –1.6 mA
0.4
VCC = 2.7 V, IOL = –0.8 mA
VOL
Low-level output voltage
30 pF
V
VCC = 4.5 V, IOL = –20 µA
0.1
VCC = 2.7 V, IOL = –20 µA
VO = VCC, CS = VCC
1
2.5
IOZ
High-impedance off-state output current
µA
VO = 0 V, CS = VCC
–1
–2.5
VCC = 5 V
1.2
CS = 0 V,
ICC
Operating supply current
mA
External reference
VCC = 2.7 V
0.9
For all digital inputs,
Software power down
0.1
1
0
≤ VI ≤ 0.5 V or
ICC(PD)
Power-down current
µA
VI ≥ VCC – 0.5 V,
Auto power down
0.1
10
I/O CLOCK = 0 V
IIH
High-level input current
VI = VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0 V
–0.005
–2.5
µA
Selected channel at VCC ,
1
Unselected channel at 0 V
Ilkg
Selected channel leakage current
µA
Selected channel at 0 V,
–1
Unselected channel at VCC
VCC = 4.5 V to 5.5 V
3.27
fOSC
Internal oscillator frequency
MHz
VCC = 2.7 V to 3.6 V
2.56
VCC = 4.5 V to 5.5 V
4.15
Conversion time
tconvert
µs
(13.5 × (1/fOSC) + 25 ns)
VCC = 2.7 V to 3.6 V
5.54
Internal oscillator frequency voltage
3.6
4.1
V
VCC = 4.5 V
500
Zi
Input impedance(2)
Analog inputs
VCC = 2.7 V
600
Analog inputs
45
55
Ci
Input capacitance
pF
Control inputs
5
15
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
The switch resistance is very nonlinear and varies with input voltage and supply voltage. This is the worst case.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV2553-Q1


Similar Part No. - TLV2553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
More results

Similar Description - TLV2553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com