Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FK24 Datasheet(PDF) 1 Page - TDK Electronics

Part # FK24
Description  Multilayer Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK24 Datasheet(HTML) 1 Page - TDK Electronics

  FK24 Datasheet HTML 1Page - TDK Electronics FK24 Datasheet HTML 2Page - TDK Electronics FK24 Datasheet HTML 3Page - TDK Electronics FK24 Datasheet HTML 4Page - TDK Electronics FK24 Datasheet HTML 5Page - TDK Electronics FK24 Datasheet HTML 6Page - TDK Electronics FK24 Datasheet HTML 7Page - TDK Electronics FK24 Datasheet HTML 8Page - TDK Electronics FK24 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
• All specifications are subject to change without notice.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Type:
Issue date:
FK28, FK18
FK24, FK14
FK26, FK16
FK20, FK11
FK22
May 2011
Multilayer Ceramic Capacitors
FK series
Dipped radial lead type
General use(Edc: 6.3 to 50V)


Similar Part No. - FK24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK24 TDK-FK24 Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
logo
Fox Electronics
FK245 FOX-FK245 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
FK245R FOX-FK245R Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
FK246 FOX-FK246 Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
FK246R FOX-FK246R Datasheet
439Kb / 1P
   HCMOS 2.5V 32.768kHz SMD Oscillator
More results

Similar Description - FK24

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com