Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2553IDWRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2553IDWRQ1
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553IDWRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2553IDWRQ1 Datasheet HTML 5Page - Texas Instruments TLV2553IDWRQ1 Datasheet HTML 6Page - Texas Instruments TLV2553IDWRQ1 Datasheet HTML 7Page - Texas Instruments TLV2553IDWRQ1 Datasheet HTML 8Page - Texas Instruments TLV2553IDWRQ1 Datasheet HTML 9Page - Texas Instruments TLV2553IDWRQ1 Datasheet HTML 10Page - Texas Instruments TLV2553IDWRQ1 Datasheet HTML 11Page - Texas Instruments TLV2553IDWRQ1 Datasheet HTML 12Page - Texas Instruments TLV2553IDWRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TYPICAL CHARACTERISTICS
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
0.625
−40
−25
−10
5
20
35
50
65
80
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VCC = 3.3 V
VREF+ = 2.5 V
VREF− = 0 V
I/O CLOCK = 10 MHz
TA − Free-Air Temperature − °C
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
−40
−25
−10
5
20
35
50
65
80
EXTERNAL REFERENCE CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 3.3 V
VREF+ = 2.5 V
VREF− = 0 V
I/O CLOCK = 10 MHz
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
−40
−25
−10
5
20
35
50
65
80
SOFTWARE POWER DOWN
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 3.3 V
VREF+ = 2.5 V
VREF− = 0 V
I/O CLOCK = 10 MHz
0.00
0.01
0.02
0.03
0.04
0.05
0.06
−40
−25
−10
5
20
35
50
65
80
AUTO POWER DOWN
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 3.3 V
VREF+ = 2.5 V
VREF− = 0 V
I/O CLOCK = 10 MHz
TLV2553-Q1
www.ti.com ..................................................................................................................................................................................................... SLAS579 – APRIL 2009
Figure 1.
Figure 2.
Figure 3.
Figure 4.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV2553-Q1


Similar Part No. - TLV2553IDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553IDWRQ1 TI1-TLV2553IDWRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
More results

Similar Description - TLV2553IDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com