Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1101B Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD1101B
Description  DUAL N-CHANNEL MATCHED MOSFET PAIR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1101B Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD1101B Datasheet HTML 1Page - Advanced Linear Devices ALD1101B Datasheet HTML 2Page - Advanced Linear Devices ALD1101B Datasheet HTML 3Page - Advanced Linear Devices ALD1101B Datasheet HTML 4Page - Advanced Linear Devices ALD1101B Datasheet HTML 5Page - Advanced Linear Devices ALD1101B Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ALD1101A/ALD1101B/ALD1101
Advanced Linear Devices
6 of 6
8 Pin CERDIP Package
CERDIP-8 PACKAGE DRAWING
A
A1
b
b1
C
D-8
E
E1
e
e1
L
L1
L2
S
Ø
3.55
1.27
0.97
0.36
0.20
--
5.59
7.73
3.81
3.18
0.38
--
0
°
5.08
2.16
1.65
0.58
0.38
10.29
7.87
8.26
5.08
--
1.78
2.49
15
°
Millimeters
Inches
Min
Max
Min
Max
Dim
0.140
0.050
0.038
0.014
0.008
--
0.220
0.290
0.150
0.125
0.015
--
0
°
0.200
0.085
0.065
0.023
0.015
0.405
0.310
0.325
0.200
--
0.070
0.098
15
°
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
E E1
C
e1
ø
s
b
L
D
b1
e
A
L2
A1
L1


Similar Part No. - ALD1101B

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1101B ALD-ALD1101B Datasheet
29Kb / 4P
   DUAL N-CHANNEL MATCHED MOSFET PAIR
1998
logo
ADL Embedded Solutions
ALD1101B ADL-ALD1101B Datasheet
66Kb / 7P
   DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1101BPA ALD-ALD1101BPA Datasheet
29Kb / 4P
   DUAL N-CHANNEL MATCHED MOSFET PAIR
1998
logo
ADL Embedded Solutions
ALD1101BPAL ADL-ALD1101BPAL Datasheet
66Kb / 7P
   DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
ALD1101BSAL ADL-ALD1101BSAL Datasheet
66Kb / 7P
   DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
More results

Similar Description - ALD1101B

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1101A ADL-ALD1101A Datasheet
66Kb / 7P
   DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1101 ALD-ALD1101 Datasheet
29Kb / 4P
   DUAL N-CHANNEL MATCHED MOSFET PAIR
1998
ALD1105 ALD-ALD1105 Datasheet
58Kb / 6P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1105 ADL-ALD1105 Datasheet
77Kb / 8P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
logo
Advanced Linear Devices
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
   DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com