Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF080-90-4C-B3K Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST39VF080-90-4C-B3K
Description  8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF080-90-4C-B3K Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST39VF080-90-4C-B3K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF080-90-4C-B3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF080-90-4C-B3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF080-90-4C-B3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF080-90-4C-B3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF080-90-4C-B3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF080-90-4C-B3K Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF080-90-4C-B3K Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF080-90-4C-B3K Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet
8 Mbit / 16 Mbit Multi-Purpose Flash
SST39LF080 / SST39LF016 / SST39VF080 / SST39VF016
7
©2001 Silicon Storage Technology, Inc.
S71146-03-000
6/01
396
TABLE
4: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Byte-Program
5555H
AAH
2AAAH
55H
5555H
A0H
WA2
Data
Sector-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX3
30H
Block-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
BAX3
50H
Chip-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Software ID Entry4,5
5555H
AAH
2AAAH
55H
5555H
90H
CFI Query Entry4
5555H
AAH
2AAAH
55H
5555H
98H
Software ID Exit6/
CFI Exit
XXH
F0H
Software ID Exit6/
CFI Exit
5555H
AAH
2AAAH
55H
5555H
F0H
T4.3 396
1. Address format A14-A0 (Hex),
Addresses A15 - A19 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF080.
Addresses A15 - A20 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF016.
2. WA = Program Byte address
3. SAX for Sector-Erase; uses AMS-A12 address lines
BAX, for Block-Erase; uses AMS-A16 address lines
AMS = Most significant address
AMS = A19 for SST39LF/VF080 and A20 for SST39LF/VF016
4. The device does not remain in Software Product ID Mode if powered down.
5. With AMS-A1 =0;
SST Manufacturer’s ID= BFH, is read with A0 = 0,
SST39LF/VF080 Device ID = D8H, is read with A0 = 1
SST39LF/VF016 Device ID = D9H, is read with A0 = 1
6. Both Software ID Exit operations are equivalent
TABLE
5: CFI QUERY IDENTIFICATION STRING1 FOR SST39LF/VF080 AND SST39LF/VF016
1. Refer to CFI publication 100 for more details.
Address
Data
Data
10H
51H
Query Unique ASCII string “QRY”
11H
52H
12H
59H
13H
01H
Primary OEM command set
14H
07H
15H
00H
Address for Primary Extended Table
16H
00H
17H
00H
Alternate OEM command set (00H = none exists)
18H
00H
19H
00H
Address for Alternate OEM extended Table (00H = none exits)
1AH
00H
T5.3 396


Similar Part No. - SST39VF080-90-4C-B3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF080-90-4C-B3K SST-SST39VF080-90-4C-B3K Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF080-90-4C-B3KE SST-SST39VF080-90-4C-B3KE Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39VF080-90-4C-B3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080_07 Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com