Electronic Components Datasheet Search |
|
TLV5633IPW Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TLV5633IPW Datasheet(HTML) 2 Page - Texas Instruments |
2 / 25 page www.ti.com Interface Control 4-Bit DAC MSW Holding Latch A(0,1) CS WE OUT Power-On Reset x2 4 5-Bit Control Latch 5 Powerdown and Speed Control 2 Voltage Bandgap PGA With Output Enable 12-Bit DAC Register 12 12 REF AGND DVDD LDAC 2 8-Bit DAC LSW Holding Latch 8 8 4 D(0-7) PWR SPD AVDD TLV5633C TLV5633I SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. FUNCTIONAL BLOCK DIAGRAM Terminal Functions TERMINAL I/O/P DESCRIPTION NAME NO. A1, A0 7, 8 I Address input AGND 14 P Ground AVDD 11 P Positive power supply (analog part) CS 18 I Chip select. Digital input active low, used to enable/disable inputs D0-D1 19, 20 I Data input D2-D7 1-6 I Data input DVDD 10 P Positive power supply (digital part) LDAC 16 I Load DAC. Digital input active low, used to load DAC output OUT 13 O DAC analog voltage output PWR 15 I Power down. Digital input active low REF 12 I/O Analog reference voltage input/output SPD 9 I Speed select. Digital input WE 17 I Write enable. Digital input active low, used to latch data 2 Submit Documentation Feedback |
Similar Part No. - TLV5633IPW |
|
Similar Description - TLV5633IPW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |