Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM9102_1209 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCM9102_1209
Description  Low-Noise Two-Channel 100-MHz Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM9102_1209 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCM9102_1209 Datasheet HTML 2Page - Texas Instruments CDCM9102_1209 Datasheet HTML 3Page - Texas Instruments CDCM9102_1209 Datasheet HTML 4Page - Texas Instruments CDCM9102_1209 Datasheet HTML 5Page - Texas Instruments CDCM9102_1209 Datasheet HTML 6Page - Texas Instruments CDCM9102_1209 Datasheet HTML 7Page - Texas Instruments CDCM9102_1209 Datasheet HTML 8Page - Texas Instruments CDCM9102_1209 Datasheet HTML 9Page - Texas Instruments CDCM9102_1209 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LVCMOS
5 pF
LVCMOS
50 W
Phase Noise Analyzer
RF
50 W
Oscilloscope
CH1
CH2
LVPECL
50 W
50 W
50
(2)
W
V
- 2 V
DD
LVPECL
150
(2)
W
Phase Noise Analyzer
RF
50 W
50 W
CDCM9102
SCAS922
– FEBRUARY 2012
www.ti.com
TEST CONFIGURATIONS
Figure 4. LVCMOS Output Test Load
Figure 5. LVCMOS AC Configuration for Device Test
Figure 6. LVPECL DC Configuration for Device Test
Figure 7. LVPECL AC Configuration for Device Test
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM9102


Similar Part No. - CDCM9102_1209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM9102RHBR TI-CDCM9102RHBR Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102RHBT TI-CDCM9102RHBT Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
More results

Similar Description - CDCM9102_1209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
   Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11_11 Datasheet
287Kb / 9P
   100 MHz LVDS Clock Generator Output frequency: 100 MHz
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Microchip Technology
DSC612PL2A-0130 MICROCHIP-DSC612PL2A-0130 Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612PL2A-0132 MICROCHIP-DSC612PL2A-0132 Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 21, 2018 Revision 1.0
DSC612RI3A-010G MICROCHIP-DSC612RI3A-010G Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NI3A-010T MICROCHIP-DSC612NI3A-010T Datasheet
1Mb / 5P
   Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com