Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2TR64EPH Datasheet(PDF) 1 Page - Texas Instruments

Part # TM2TR64EPH
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM2TR64EPH Datasheet(HTML) 1 Page - Texas Instruments

  TM2TR64EPH Datasheet HTML 1Page - Texas Instruments TM2TR64EPH Datasheet HTML 2Page - Texas Instruments TM2TR64EPH Datasheet HTML 3Page - Texas Instruments TM2TR64EPH Datasheet HTML 4Page - Texas Instruments TM2TR64EPH Datasheet HTML 5Page - Texas Instruments TM2TR64EPH Datasheet HTML 6Page - Texas Instruments TM2TR64EPH Datasheet HTML 7Page - Texas Instruments TM2TR64EPH Datasheet HTML 8Page - Texas Instruments TM2TR64EPH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TM2TR64EPH, TM4TR64EPH
TM2TR72EPH, TM4TR72EPH
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS702B − JANUARY 1998 − REVISED APRIL 1998
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Organization:
− TM2TR64EPH . . . 2 097 152 x 64 Bits
− TM4TR64EPH . . . 4 194 304 x 64 Bits
− TM2TR72EPH . . . 2 097 152 x 72 Bits
− TM4TR72EPH . . . 4 194 304 x 72 Bits
D Single 3.3-V Power Supply
(
±10% Tolerance)
D Designed for 100-MHz 4-Clock Systems
D TM2TR64EPH — Uses Eight 16M-Bit
Synchronous Dynamic RAMs (SDRAMs)
(2M
× 8-Bit) in Plastic Thin Small-Outline
Packages (TSOPs)
D TM4TR64EPH — Uses Sixteen 16M-Bit
SDRAMs (2M
× 8-Bit) in Plastic TSOPs
D TM2TR72EPH — Uses Nine 16M-Bit
SDRAMs (2M
× 8-Bit) in Plastic TSOPs
D TM4TR72EPH — Uses Eighteen 16M-Bit
SDRAMs (2M
× 8-Bit) in Plastic TSOPs
D Byte-Read/Write Capability
D Performance Ranges:
D JEDEC 168-Pin Dual-In-Line Memory
Module (DIMM) Without Buffer for Use With
Socket
D High-Speed, Low-Noise, Low-Voltage TTL
(LVTTL) Interface
D Read Latencies 2 and 3 Supported
D Support Burst-Interleave and
Burst-Interrupt Operations
D Burst Length Programmable to 1, 2, 4,
and 8
D Two Banks for On-Chip Interleaving
(Gapless Access)
D Ambient Temperature Range
0
°C to 70°C
D Gold-Plated Contacts
D Pipeline Architecture
D Serial Presence Detect (SPD) Using
EEPROM
SYNCHRONOUS
CLOCK CYCLE
TIME
ACCESS TIME
CLOCK TO
OUTPUT
REFRESH
INTERVAL
tCK3
(CL = 3)
tCK2
(CL = 2)
tAC3
(CL = 3)
tAC2
(CL = 2)
’xTRxxEPH-8
8 ns
10 ns
6 ns
6 ns
64 ms
’xTRxxEPH-8A
8 ns
15 ns
6 ns
7.5 ns
64 ms
† CL = CAS latency
description
The TM2TR64EPH is a 16M-byte, 168-pin DIMM. The DIMM is composed of eight TMS626812BDGE 2097 152
x 8-bit SDRAMs, each in a 400-mil, 44-pin plastic TSOP mounted on a substrate with decoupling capacitors.
See the TMS626812B data sheet (literature number SMOS693).
The TM4TR64EPH is a 32M-byte, 168-pin DIMM. The DIMM is composed of sixteen TMS626812BDGE
2 097 152 x 8-bit SDRAMs, each in a 400-mil, 44-pin plastic TSOP mounted on a substrate with decoupling
capacitors.
The TM2TR72EPH is an 16M-byte, 168-pin DIMM. The DIMM is composed of nine TMS626812BDGE
2 097 152 x 8-bit SDRAMs, each in a 400-mil, 44-pin plastic TSOP mounted on a substrate with decoupling
capacitors.
The TM4TR72EPH is a 32M-byte, 168-pin DIMM. The DIMM is composed of eighteen TMS626812BDGE
2 097 152 x 8-bit SDRAMs, each in a 400-mil, 44-pin plastic TSOP mounted on a substrate with decoupling
capacitors.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TM2TR64EPH

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM2-1 SYNERGY-TM2-1 Datasheet
246Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 1 - 600 MHz
TM2-GT SYNERGY-TM2-GT Datasheet
226Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1500 MHz
logo
MRV Communications, Inc...
TM2-SFP4G MRV-TM2-SFP4G Datasheet
1Mb / 2P
   LambdaDriver Multi-rate Module (TM2-SFP4G)
TM2-SFPPXFPFC8 MRV-TM2-SFPPXFPFC8 Datasheet
1Mb / 2P
   LambdaDriver 8Gbps FC Dual Transponder (TM2-SFPPXFPFC8)
TM2-SFPXC MRV-TM2-SFPXC Datasheet
665Kb / 2P
   LambdaDriver짰 - Multi-rate Module (TM2-SFPXC)
More results

Similar Description - TM2TR64EPH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com