Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF507-41-01 Datasheet(PDF) 4 Page - Yamaichi Electronics Co., Ltd.

Part # HF507-41-01
Description  Non-ZIF 90째 Socket Direct Mating Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

HF507-41-01 Datasheet(HTML) 4 Page - Yamaichi Electronics Co., Ltd.

  HF507-41-01 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. HF507-41-01 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. HF507-41-01 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. HF507-41-01 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
High Speed
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
C-2
Outline Dimensions for 180° Socket
Recommended PCB Layout
HF507S
- 21 - **
Part Number (Details)
Specifications
Insulation Resistance:
100M
Ω min.
Contact Resistance:
100m
Ω max.
Withstanding Voltage:
125V ACrms for 1 minute
Voltage Rating:
50V ACrms
Current Rating:
0.3A
Operating Temp. Range: -20°C to +85°C
Differential Impedance: 100
Inserertion / Extraction: 30 times max.
Materials and Finish
Housing:
LCP (GF), black
Lock Hold:
SUS t = 0.2mm
Contacts:
Phosphor Bronze, (t = 0.15mm) Ni-Au plating
Terminal:
Phosphor Bronze, (t = 0.15mm) Ni-Au plating
Features
Suitable for LVDS, HDMI, DVI, PCI express and S-ATA data transmission
Easy operation by side-locking mechanism prevents
cable angularinsertion and guarantees secure locking
Series No.
No. of Contacts
(21, 31, 41 and 51)
02 = 180° Without Shielding
04 = 180° With Shielding*
Series HF507S
Non-ZIF 180° Socket for High Speed Applications
Orientation for 180° Socket
HF507S-21-0*
21
16.00
10.00
6.60
20.10
19.75
20.95
HF507S-31-0*
31
21.00
15.00
11.60
25.10
24.75
25.95
HF507S-41-0*
41
26.00
20.00
16.60
30.10
29.75
30.95
HF507S-51-0*
51
31.00
25.00
21.60
35.10
34.75
35.95
Part Number
Pin Count
L1
L2
L3
L4
L5
L6
*180° with shielding not available
for 21 pin version
Applicable Cable
see page C-5 to C-7


Similar Part No. - HF507-41-01

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
HF507P YAMAICHI-HF507P Datasheet
297Kb / 3P
   Non-ZIF Adapter Plug for Discrete Wire
HF507P-41-015 YAMAICHI-HF507P-41-015 Datasheet
297Kb / 3P
   Non-ZIF Adapter Plug for Discrete Wire
HF507P-41-016 YAMAICHI-HF507P-41-016 Datasheet
297Kb / 3P
   Non-ZIF Adapter Plug for Discrete Wire
HF507P-51-015 YAMAICHI-HF507P-51-015 Datasheet
297Kb / 3P
   Non-ZIF Adapter Plug for Discrete Wire
HF507P-51-016 YAMAICHI-HF507P-51-016 Datasheet
297Kb / 3P
   Non-ZIF Adapter Plug for Discrete Wire
More results

Similar Description - HF507-41-01

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
HF601-10-02 YAMAICHI-HF601-10-02 Datasheet
218Kb / 2P
   Flip Type ZIF Connector 90째, SMT (0.50mm Pitch)
HF601-22-03 YAMAICHI-HF601-22-03 Datasheet
115Kb / 1P
   High Speed Flip Type ZIF Connector 90째, SMT (0.50mm Pitch)
logo
Aries Electronics, Inc.
84-537-21 ARIES-84-537-21 Datasheet
1Mb / 2P
   ?쁋ive Bug??Type Universal PLCC ZIF Test Socket
logo
Glenair, Inc.
AS85049-32-1 GLENAIR-AS85049-32-1 Datasheet
26Kb / 1P
   90째 Adapter, Non-Environmental, RFI
logo
Yamaichi Electronics Co...
MDIN03SS YAMAICHI-MDIN03SS Datasheet
532Kb / 1P
   90째 PTH Socket (with Shield)
DSM-09P-G2-V YAMAICHI-DSM-09P-G2-V Datasheet
72Kb / 2P
   90째 SMT Type
logo
Aries Electronics, Inc.
10010 ARIES-10010 Datasheet
1Mb / 2P
   Universal PLCC ZIF Test Socket
10012 ARIES-10012 Datasheet
529Kb / 1P
   Universal PLCC ZIF Test Socket
logo
Yamaichi Electronics Co...
ZS4A-06-G2 YAMAICHI-ZS4A-06-G2 Datasheet
57Kb / 1P
   90째 TH Socket for PCB Mount
logo
TE Connectivity Ltd
2-1746741-6 TEC-2-1746741-6 Datasheet
122Kb / 5P
   Standard Rectangular Connectors, Connector Assembly, Receptacle, Mating Alignment, Polarization Mating Alignment Type, RITS Socket Connectors
09/30/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com