Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-3GEYJ473V Datasheet(PDF) 5 Page - Texas Instruments

Part # ERJ-3GEYJ473V
Description  ADS1131REF and ADS1231REF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ERJ-3GEYJ473V Datasheet(HTML) 5 Page - Texas Instruments

  ERJ-3GEYJ473V Datasheet HTML 1Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 2Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 3Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 4Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 5Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 6Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 7Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 8Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
EXC
-
SNS
-
SNS+
SIG+
SIG
-
EXC+
OUT+
EXC
-
SENSE
-
OUT
-
SENSE+
EXC+
OUT+
EXC
-
OUT
-
EXC+
1
2
3
4
5
6
OUT
-
EXC+
OUT+
EXC
-
SENSE+
SENSE
-
1
2
3
4
5
6
www.ti.com
Getting Started
1.4.2
Connecting a 6-Wire Load Cell to the Terminal Block
Figure 3 shows the connection of a 6-wire load cell to the terminal block. In this configuration, the load cell
is excited by the +5V power supply, and the ADC
’s reference is taken from the sense wire returning from
the load cell. The sense wire connects to the excitation wire at the bridge sensor.
Figure 3. 6-Wire Load Cell to Terminal Block
1.4.3
Connecting a 4-Wire Load Cell to the Header
Figure 4 shows the connection of a 4-wire load cell to the header. In this configuration, the load cell is
excited by the +5V power supply, and the ADC reference is taken from the power supply.
Figure 4. 4-Wire Load Cell to Header
For this configuration, the reference select switch must be in the +5VA position; the EXT position does not
work.
1.4.4
Connecting a 6-Wire Load Cell to the Header
Figure 5 shows the connection of a 6-wire load cell to the header. In this configuration, the load cell is
excited by the +5V power supply, and the ADC reference is taken from the sense wire returning from the
load cell. The sense wire connects to the excitation wire at the bridge sensor.
Figure 5. 6-Wire Load Cell to Header
For this configuration, the reference select switch should be in the EXT position for best performance. The
+5V position also works, but the device may not perform as well.
5
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - ERJ-3GEYJ473V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - ERJ-3GEYJ473V

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2 Datasheet
1Mb / 15P
   Compatible with pick and place and
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
   Supports SSDs and HDDs and tapedrives
logo
Ferroxcube Internationa...
FRM20 FERROXCUBE-FRM20_1 Datasheet
59Kb / 6P
   Frame and Bar cores and accessories
CPHS-FRM21-7S-8P FERROXCUBE-CPHS-FRM21-7S-8P Datasheet
29Kb / 1P
   Frame and Bar cores and accessories
CPHS-FRM27-6S-8P FERROXCUBE-CPHS-FRM27-6S-8P Datasheet
34Kb / 1P
   Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
   Frame and Bar cores and accessories
FRM243910 FERROXCUBE-FRM243910 Datasheet
58Kb / 5P
   Frame and Bar cores and accessories
logo
Maxim Integrated Produc...
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
   Measures and Displays Remote and Internal
Rev 0; 12/00
logo
Renesas Technology Corp
SLG7NT4774V RENESAS-SLG7NT4774V Datasheet
977Kb / 9P
   ALL_SYS_PWRGD and PCH_PWROK and SYS_PWROK Logic
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com